Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC8520RHAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC8520RHAT
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC8520RHAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC8520RHAT Datasheet HTML 3Page - Texas Instruments CC8520RHAT Datasheet HTML 4Page - Texas Instruments CC8520RHAT Datasheet HTML 5Page - Texas Instruments CC8520RHAT Datasheet HTML 6Page - Texas Instruments CC8520RHAT Datasheet HTML 7Page - Texas Instruments CC8520RHAT Datasheet HTML 8Page - Texas Instruments CC8520RHAT Datasheet HTML 9Page - Texas Instruments CC8520RHAT Datasheet HTML 10Page - Texas Instruments CC8520RHAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CC8520
WWW.TI.COM
SWRS091A – MARCH 2010
7
Copyright
© 2010, Texas Instruments Incorporated
PIN
PIN NAME
PIN TYPE
DESCRIPTION
39
DCPL
Power (Digital)
1.7V-1.85 V linear voltage regulator output to which a 1 uF decoupling capacitor should be
attached. For test-purposes an external digital supply voltage (1.62-1.98 V) can be applied
here, bypassing the voltage regulator.
NOTE: The voltage regulator is intended for use with the CC8520 chip only. It cannot be
used to provide supply voltage to other devices.
40
DVDD
Power (Digital)
Digital power supply for the linear voltage regulator.
1
Digital I/O pad with 4 mA source/sink capability, programmable direction and pull-up, pull-down or high-impedance.
2
Digital I/O pad with 20 mA source/sink capability, programmable direction and pull-up, pull-down or high-impedance.
1
9
7
10
8
6
5
4
3
2
30
22
24
21
23
25
26
27
28
29
CC8520
xANTM
xANTP
CSN
SCLK
MOSI
MISO
GIO1
GIO2
GIO3
IOVDD
RBIAS
VBAT
AVDD
AVDD
AVDD
RF_N
RF_P
AVDD
X0
X1
Audio Device
2.0V-3.6V
Power Supply
Antenna
(50 Ohm)
C301
C302
L301
L302
L303
C303
C306
C305
Alternative:
CC2590 External LNA/PA
Antenna
(50 Ohm)
CC2590 +
Matching/
Filtering
C391
L304
Figure 2 - CC8520 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com