Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM647 Datasheet HTML 1Page - Texas Instruments TMS320DM647 Datasheet HTML 2Page - Texas Instruments TMS320DM647 Datasheet HTML 3Page - Texas Instruments TMS320DM647 Datasheet HTML 4Page - Texas Instruments TMS320DM647 Datasheet HTML 5Page - Texas Instruments TMS320DM647 Datasheet HTML 6Page - Texas Instruments TMS320DM647 Datasheet HTML 7Page - Texas Instruments TMS320DM647 Datasheet HTML 8Page - Texas Instruments TMS320DM647 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
6.2
Recommended Clock and Control Signal Transition
1
Features
................................................... 1
Behavior
............................................ 59
1.1
Trademarks
.......................................... 2
6.3
Power Supplies
..................................... 59
1.2
Description
........................................... 2
6.4
PLL1 Controller
..................................... 65
1.3
Functional Block Diagram
............................ 4
6.5
PLL2 Controller
..................................... 69
Revision History
.............................................. 6
6.6
Enhanced Direct Memory Access (EDMA3)
Controller
........................................... 71
2
Device Overview
........................................ 7
6.7
Reset Controller
.................................... 84
2.1
Device Characteristics
............................... 7
6.8
Interrupts
............................................ 89
2.2
CPU (DSP Core) Description
........................ 8
6.9
DDR2 Memory Controller
........................... 93
2.3
C64x+ CPU
......................................... 11
6.10
External Memory Interface A (EMIFA)
............ 104
2.4
Memory Map Summary
............................. 12
6.11
Video Port
......................................... 111
2.5
Pin Assignments
.................................... 16
6.12
VCXO Interpolated Control (VIC)
................. 119
2.6
Terminal Functions
................................. 20
6.13
Universal Asynchronous Receiver/Transmitter
2.7
Device Support
..................................... 34
(UART)
............................................ 121
3
Device Configuration
................................. 38
6.14
Serial Peripheral Interface Port (SPI)
............. 123
6.15
Inter-Integrated Circuit (I2C)
...................... 127
3.1
System Module Registers
.......................... 38
6.16
Host-Port Interface (HPI) Peripheral
.............. 131
3.2
Bootmode Registers
................................ 39
6.17
Peripheral Component Interconnect (PCI)
........ 142
3.3
Pullup/Pulldown Resistors
.......................... 49
6.18
Multichannel Audio Serial Port (McASP)
.......... 147
4
System Interconnect
.................................. 50
6.19
3-Port Ethernet Switch Subsystem (3PSW)
....... 155
4.1
Internal Buses, Bridges, and Switch Fabrics
....... 50
6.20
Management Data Input/Output (MDIO)
.......... 165
4.2
Data Switch Fabric Connections
................... 50
6.21
Timers
............................................. 166
4.3
Configuration Switch Fabric
........................ 52
6.22
VLYNQ Peripheral
................................. 168
5
Device Operating Conditions
....................... 54
6.23
General-Purpose Input/Output (GPIO)
............ 171
5.1
Absolute Maximum Ratings
........................ 54
6.24
Emulation Features and Capability
............... 173
6.25
IEEE 1149.1 JTAG
................................ 174
5.2
Recommended Operating Conditions
.............. 55
7
Mechanical Data
...................................... 176
5.3
Electrical Characteristics
........................... 56
7.1
Thermal Data for ZUT
............................. 176
6
Peripheral Information and Electrical
Specifications
.......................................... 57
7.2
Packaging Information
............................ 177
6.1
Parameter Information
.............................. 57
Copyright © 2010–2009, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com