Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM647 Datasheet HTML 1Page - Texas Instruments TMS320DM647 Datasheet HTML 2Page - Texas Instruments TMS320DM647 Datasheet HTML 3Page - Texas Instruments TMS320DM647 Datasheet HTML 4Page - Texas Instruments TMS320DM647 Datasheet HTML 5Page - Texas Instruments TMS320DM647 Datasheet HTML 6Page - Texas Instruments TMS320DM647 Datasheet HTML 7Page - Texas Instruments TMS320DM647 Datasheet HTML 8Page - Texas Instruments TMS320DM647 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
TMS320DM647/TMS320DM648 Digital Media Processor
Check for Samples: TMS320DM647, TMS320DM648
1
Features
1
•
Additional Instructions to Support
• High-Performance Digital Media Processor
Complex Multiplies
– 720-MHz, 800-MHz, 900-MHz, 1.1-GHz
• C64x+ L1/L2 Memory Architecture
C64x+™ Clock Rates
– 256K-bit (32K-byte) L1P Program RAM/Cache
– 1.39 ns (-720), 1.25 ns (-800), 1.11 ns (-900),
[Direct Mapped]
0.91 ns (-1100) Instruction Cycle Time
– 256K-bit (32K-byte) L1D Data RAM/Cache
– 5760, 6400, 7200, 8800 MIPS
[2-Way Set-Associative]
– Eight 32-Bit C64x+ Instructions/Cycle
– 2M-bit/256K-byte (DM647) or
– Fully Software-Compatible With C64x/Debug
4M-Bit/512K-byte) (DM648) L2 Unified
– Commercial Temperature Ranges (-720, -900,
Mapped RAM/Cache [Flexible Allocation]
and -1100 only)
• Supports Little Endian Mode Only
– Extended Temperature Ranges (-800 only)
• Five Configurable Video Ports
– Industrial Temperature Ranges (-720, -900,
– Providing a Glueless I/F to Common Video
and -1100 only)
Decoder and Encoder Devices
• VelociTI.2™ Extensions to VelociTI™
– Supports Multiple Resolutions/Video
Advanced Very-Long-Instruction-Word (VLIW)
Standards
TMS320C64x+™ DSP Core
• VCXO Interpolated Control Port (VIC)
– Eight Highly Independent Functional Units
– Supports Audio/Video Synchronization
With VelociTI.2 Extensions:
• External Memory Interfaces (EMIFs)
•
Six ALUs (32-/40-Bit), Each Supports
Single 32-bit, Dual 16-bit, or Quad 8-bit
– 32-Bit DDR2 SDRAM Memory Controller With
Arithmetic per Clock Cycle
512M-Byte(1) Address Space (1.8-V I/O)
•
Two Multipliers Support Four 16 x 16-bit
– Asynchronous 16-Bit Wide EMIF (EMIFA)
Multiplies (32-bit Results) per Clock Cycle
•
Up to 128M-Byte Total Address Reach
or Eight 8 x 8-bit Multiplies (16-Bit
•
64M-Byte Address Reach per CE Space
Results) per Clock Cycle
– Glueless Interface to Asynchronous
– Load-Store Architecture With Non-Aligned
Memories (SRAM, Flash, and EEPROM)
Support
– Synchronous Memories (SBSRAM and ZBT
– 64 32-bit General-Purpose Registers
SRAM)
– Instruction Packing Reduces Code Size
– Supports Interface to Standard Sync Devices
– All Instructions Conditional
and Custom Logic (FPGA, CPLD, ASICs,
– Additional C64x+™ Enhancements
etc.)
•
Protected Mode Operation
• Enhanced Direct-Memory-Access (EDMA)
Controller (64 Independent Channels)
•
Exceptions Support for Error Detection
and Program Redirection
• 3-Port Gigabit Ethernet Switch Subsystem
•
Hardware Support for Modulo Loop
• Four 64-Bit General-Purpose Timers (Each
Auto-Focus Module Operation
Configurable as Two 32-Bit Timers)
• C64x+ Instruction Set Features
• One UART (With RTS and CTS Flow Control)
– Byte-Addressable (8-/16-/32-/64-bit Data)
• One 4-wire Serial Port Interface (SPI) With Two
Chip-Selects
– 8-bit Overflow Protection
• Master/Slave Inter-Integrated Circuit (I2C
– Bit-Field Extract, Set, Clear
Bus™)
– Normalization, Saturation, Bit-Counting
• Multichannel Audio Serial Port (McASP)
– VelociTI.2 Increased Orthogonality
– Ten Serializers and SPDIF (DIT) Mode
– C64x+ Extensions
•
Compact 16-bit Instructions
(1)
From Silicon revision 1.1 and onward. In silicon revision 1.0,
the address space is 256M-Bytes.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM647

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM647 TI-TMS320DM647 Datasheet
1Mb / 166P
Digital Media Processor
TMS320DM647 TI-TMS320DM647 Datasheet
1Mb / 167P
Digital Media Processor
TMS320DM647 TI-TMS320DM647 Datasheet
1Mb / 182P
Digital Media Processor
TMS320DM647 TI-TMS320DM647 Datasheet
1Mb / 181P
Digital Media Processor
TMS320DM647 TI1-TMS320DM647 Datasheet
1Mb / 190P
Digital Media Processor
More results

Similar Description - TMS320DM647

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320DM647_0804 TI-TMS320DM647_0804 Datasheet
1Mb / 182P
Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com