Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM19
Description  2.4V, 10關A, TO-92 Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM19 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM19 Datasheet HTML 1Page - National Semiconductor (TI) LM19 Datasheet HTML 2Page - National Semiconductor (TI) LM19 Datasheet HTML 3Page - National Semiconductor (TI) LM19 Datasheet HTML 4Page - National Semiconductor (TI) LM19 Datasheet HTML 5Page - National Semiconductor (TI) LM19 Datasheet HTML 6Page - National Semiconductor (TI) LM19 Datasheet HTML 7Page - National Semiconductor (TI) LM19 Datasheet HTML 8Page - National Semiconductor (TI) LM19 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM19
January 26, 2010
2.4V, 10
μA, TO-92 Temperature Sensor
General Description
The LM19 is a precision analog output CMOS integrated-cir-
cuit temperature sensor that operates over a −55°C to +130°
C temperature range. The power supply operating range is
+2.4 V to +5.5 V. The transfer function of LM19 is predomi-
nately linear, yet has a slight predictable parabolic curvature.
The accuracy of the LM19 when specified to a parabolic
transfer function is ±2.5°C at an ambient temperature of +30°
C. The temperature error increases linearly and reaches a
maximum of ±3.8°C at the temperature range extremes. The
temperature range is affected by the power supply voltage. At
a power supply voltage of 2.7 V to 5.5 V the temperature
range extremes are +130°C and −55°C. Decreasing the pow-
er supply voltage to 2.4 V changes the negative extreme to
−30°C, while the positive remains at +130°C.
The LM19's quiescent current is less than 10
μA. Therefore,
self-heating is less than 0.02°C in still air. Shutdown capability
for the LM19 is intrinsic because its inherent low power con-
sumption allows it to be powered directly from the output of
many logic gates or does not necessitate shutdown at all.
Applications
■ Cellular Phones
■ Computers
■ Power Supply Modules
■ Battery Management
■ FAX Machines
■ Printers
■ HVAC
■ Disk Drives
■ Appliances
Features
■ Rated for full −55°C to +130°C range
■ Available in a TO-92 package
■ Predictable curvature error
■ Suitable for remote applications
■ UL Recognized Component
Key Specifications
■ Accuracy at +30°C
±2.5 °C (max)
■ Accuracy at +130°C & −55°C
±3.5 to ±3.8 °C (max)
■ Power Supply Voltage Range
+2.4V to +5.5V
■ Current Drain
10 μA (max)
■ Nonlinearity
±0.4 % (typ)
■ Output Impedance
160 Ω (max)
■ Load Regulation
 
  0 μA < I
L< +16 μA
−2.5 mV (max)
Typical Application
20004002
V
O = (−3.88×10
−6×T2) + (−1.15×10−2×T) + 1.8639
or
where:
T is temperature, and V
O is the measured output voltage of the LM19.
Output Voltage vs Temperature
20004024
FIGURE 1. Full-Range Celsius (Centigrade) Temperature Sensor (−55°C to +130°C)
Operating from a Single Li-Ion Battery Cell
© 2010 National Semiconductor Corporation
200040
www.national.com


Similar Part No. - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
173Kb / 8P
2.4V, 10uA, TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19 TI2-LM19 Datasheet
412Kb / 15P
LM19 2.4V, 10μA, TO-92 Temperature Sensor
REVISED MARCH 2013
logo
Pixart Imaging Inc.
LM19-LSI PIXART-LM19-LSI Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
More results

Similar Description - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19 Datasheet
173Kb / 8P
2.4V, 10uA, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com