Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OD172SAPL Datasheet(PDF) 1 Page - ORION FANS

Part # OD172SAPL
Description  DC Fan - 12, 24, 48V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD172SAPL Datasheet(HTML) 1 Page - ORION FANS

  OD172SAPL Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
O
ODD117722SSAAPPLL SSeerriieess
DC Fan - 12, 24, 48V
172x150x38mm (6.7”x 5.9”x 1.5”)
Frame
DiecastAluminum
Available Options:
Tachometer (5VTTL)
Alarm (5VTTL)
Thermistor Speed Control
PWM Speed Control
Constant Speed
Life Expectancy (L10)
Ball - 60,000 hrs (45C)
Operating Temperature
Ball: -20C ~ 80C
Impeller
PBT, UL94V-O plastic
Connection
2x Lead wires,AWG22 or
terminals
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual ball bearing
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature
-30C ~ +90C
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
* Indicate “B” for wire leads or “TB” for Terminals
Model Number Speed (RPM) Airflow
(CFM) Noise (dB) Volts DC
Voltage
Range
Amps
Max. Static
Pressure
(“H2O)
OD172SAPL-12H *
4000
225
55
12
8~14
1.99
0.73
OD172SAPL-12M *
3300
190
45
12
8~14
1.10
0.51
OD172SAPL-12L *
2000
120
40
12
8~14
0.45
0.35
OD172SAPL-24H *
4000
225
55
24
15~28
0.97
0.73
OD172SAPL-24M *
2800
190
45
24
15~28
0.52
0.51
OD172SAPL-24L *
2000
120
40
24
15~28
0.20
0.35
OD172SAPL-48H *
4000
225
55
48
28~63
0.48
0.73
OD172SAPL-48M *
2800
190
45
48
28~63
0.30
0.51
OD172SAPL-48L *
2000
120
40
48
28~63
0.12
0.35


Similar Part No. - OD172SAPL

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD172SAPL ORIONFANS-OD172SAPL Datasheet
5Mb / 8P
AC & EC FANS
OD172SAPL-12H ORIONFANS-OD172SAPL-12H Datasheet
160Kb / 1P
DC Fan
OD172SAPL-12H ORIONFANS-OD172SAPL-12H_15 Datasheet
160Kb / 1P
DC Fan
OD172SAPL-12L ORIONFANS-OD172SAPL-12L Datasheet
160Kb / 1P
DC Fan
OD172SAPL-12M ORIONFANS-OD172SAPL-12M Datasheet
160Kb / 1P
DC Fan
More results

Similar Description - OD172SAPL

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD180APL ORIONFANS-OD180APL Datasheet
164Kb / 1P
DC Fan - 12, 24, 48V 180x65mm (7.1?쓝 2.6??
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD6025 ORIONFANS-OD6025_16 Datasheet
1Mb / 1P
DC Fan - 5, 12, 24, 48V 60x25mm (2.36?쓝 1.0??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD9225 ORIONFANS-OD9225_16 Datasheet
636Kb / 1P
DC Fan - 12, 24, 48V 92x25 (3.62?쓝 1.00??
OD9238VA-16 ORIONFANS-OD9238VA-16 Datasheet
377Kb / 1P
DC Fan - 12, 24, 48V 92x38mm (3.62??x 1.5??
OD172SAP ORIONFANS-OD172SAP Datasheet
403Kb / 1P
DC Fan, 12, 24, 48V 172x152x51mm (6.7”x5.9”x2.0”)
Revised 10/8/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com