Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1806 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  ARM Microprocessor
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 1 Page - Texas Instruments

  AM1806 Datasheet HTML 1Page - Texas Instruments AM1806 Datasheet HTML 2Page - Texas Instruments AM1806 Datasheet HTML 3Page - Texas Instruments AM1806 Datasheet HTML 4Page - Texas Instruments AM1806 Datasheet HTML 5Page - Texas Instruments AM1806 Datasheet HTML 6Page - Texas Instruments AM1806 Datasheet HTML 7Page - Texas Instruments AM1806 Datasheet HTML 8Page - Texas Instruments AM1806 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 243 page
background image
AM1806
www.ti.com
SPRS658B – FEBRUARY 2010 – REVISED MAY 2010
AM1806 ARM Microprocessor
Check for Samples: AM1806
1
AM1806 ARM Microprocessor
1.1
Features
12
– With Modem Control Signals
• Highlights
– 16-byte FIFO
– 375/456-MHz ARM926EJ-S™ RISC Core
– 16x or 13x Oversampling Option
– ARM9 Memory Architecture
• Two Serial Peripheral Interfaces (SPI) Each
– Programmable Real-Time Unit Subsystem
With Multiple Chip-Selects
– Enhanced Direct-Memory-Access Controller
• Two Multimedia Card (MMC)/Secure Digital (SD)
3 (EDMA3)
Card Interface with Secure Data I/O (SDIO)
– Two External Memory Interfaces
Interfaces
– Three Configurable 16550 type UART
• Two Master/Slave Inter-Integrated Circuit (I2C
Modules
Bus™)
– Two Serial Peripheral Interfaces (SPI)
• One Host-Port Interface (HPI) With 16-Bit-Wide
– Multimedia Card (MMC)/Secure Digital (SD)
Muxed Address/Data Bus For High Bandwidth
Card Interface with Secure Data I/O (SDIO)
• Programmable Real-Time Unit Subsystem
– Two Master/Slave Inter-Integrated Circuit
(PRUSS)
– USB 2.0 OTG Port With Integrated PHY
– Two Independent Programmable Realtime
– One Multichannel Audio Serial Port
Unit (PRU) Cores
– Three 64-Bit General-Purpose Timers
•
32-Bit Load/Store RISC architecture
– One 64-bit General-Purpose/Watchdog Timer
•
4K Byte instruction RAM per core
– TwoEnhanced Pulse Width Modulators
•
512 Bytes data RAM per core
– Three 32-Bit Enhanced Capture Modules
•
PRU Subsystem (PRUSS) can be disabled
• 375/456-MHz ARM926EJ-S™ RISC MPU
via software to save power
• Enhanced Direct-Memory-Access Controller 3
•
Register 30 of each PRU is exported from
(EDMA3):
the subsystem in addition to the normal
– 2 Channel Controllers
R31 output of the PRU cores.
– 3 Transfer Controllers
– Standard power management mechanism
– 64 Independent DMA Channels
•
Clock gating
– 16 Quick DMA Channels
•
Entire subsystem under a single PSC
clock gating domain
– Programmable Transfer Burst Size
– Dedicated interrupt controller
• 1.8V or 3.3V LVCMOS IOs (except for USB and
DDR2 interfaces)
– Dedicated switched central resource
• Two External Memory Interfaces:
• USB 2.0 OTG Port With Integrated PHY (USB0)
– EMIFA
– USB 2.0 High-/Full-Speed Client
•
NOR (8-/16-Bit-Wide Data)
– USB 2.0 High-/Full-/Low-Speed Host
•
NAND (8-/16-Bit-Wide Data)
– End Point 0 (Control)
•
16-Bit SDRAM With 128 MB Address
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
Space
ISOC) Rx and Tx
– DDR2/Mobile DDR Memory Controller
• One Multichannel Audio Serial Port:
•
16-Bit DDR2 SDRAM With 512 MB
– Transmit/Receive Clocks
Address Space or
– Two Clock Zones and 16 Serial Data Pins
•
16-Bit mDDR SDRAM With 256 MB
– Supports TDM, I2S, and Similar Formats
Address Space
– DIT-Capable
• Three Configurable 16550 type UART Modules:
– FIFO buffers for Transmit and Receive
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
ARM926EJ-S is a trademark of ARM Limited.
ADVANCE INFORMATION concerns new products in the sampling
Copyright © 2010, Texas Instruments Incorporated
or preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.


Similar Part No. - AM1806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1806 TI-AM1806 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
AM1806 TI-AM1806 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
AM1806 TI1-AM1806 Datasheet
1Mb / 244P
AM1806 ARM Microprocessor
APRIL2011
AM1806 TI1-AM1806 Datasheet
1Mb / 245P
AM1806 ARM짰 Microprocessor
AM1806 TI-AM1806 Datasheet
1Mb / 245P
AM1806 ARM짰 Microprocessor
More results

Similar Description - AM1806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3517 TI-AM3517 Datasheet
2Mb / 184P
ARM Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
AM1707 ARM Microprocessor
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
AM1705 ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
AM1806 ARM Microprocessor
APRIL2011
AM1802 TI1-AM1802 Datasheet
1Mb / 180P
AM1802 ARM Microprocessor
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 164P
AM1705 ARM Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com