Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1806 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  ARM Microprocessor
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 2 Page - Texas Instruments

  AM1806 Datasheet HTML 1Page - Texas Instruments AM1806 Datasheet HTML 2Page - Texas Instruments AM1806 Datasheet HTML 3Page - Texas Instruments AM1806 Datasheet HTML 4Page - Texas Instruments AM1806 Datasheet HTML 5Page - Texas Instruments AM1806 Datasheet HTML 6Page - Texas Instruments AM1806 Datasheet HTML 7Page - Texas Instruments AM1806 Datasheet HTML 8Page - Texas Instruments AM1806 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 243 page
background image
AM1806
SPRS658B – FEBRUARY 2010 – REVISED MAY 2010
www.ti.com
• Two Multichannel Buffered Serial Ports:
• One 64-bit General-Purpose/Watchdog Timer
(Configurable as Two 32-bit General-Purpose
– Transmit/Receive Clocks
Timers)
– Two Clock Zones and 16 Serial Data Pins
• Two Enhanced Pulse Width Modulators
– Supports TDM, I2S, and Similar Formats
(eHRPWM):
– AC97 Audio Codec Interface
– Dedicated 16-Bit Time-Base Counter With
– Telecom Interfaces (ST-Bus, H100)
Period And Frequency Control
– 128-channel TDM
– 6 Single Edge, 6 Dual Edge Symmetric or 3
– FIFO buffers for Transmit and Receive
Dual Edge Asymmetric Outputs
• Video Port Interface (VPIF):
– Dead-Band Generation
– Two 8-bit SD (BT.656), Single 16-bit or Single
– PWM Chopping by High-Frequency Carrier
Raw (8-/10-/12-bit) Video Capture Channels
– Trip Zone Input
– Two 8-bit SD (BT.656), Single 16-bit Video
• Three 32-Bit Enhanced Capture Modules
Display Channels
(eCAP):
• Universal Parallel Port (uPP):
– Configurable as 3 Capture Inputs or 3
– High-Speed Parallel Interface to FPGAs and
Auxiliary Pulse Width Modulator (APWM)
Data Converters
outputs
– Data Width on Each of Two Channels is 8- to
– Single Shot Capture of up to Four Event
16-bit Inclusive
Time-Stamps
– Single Data Rate or Dual Data Rate Transfers
• 361-Ball Pb-Free Plastic Ball Grid Array (PBGA)
– Supports Multiple Interfaces with START,
[ZCE Suffix], 0.65-mm Ball Pitch
ENABLE and WAIT Controls
• Commercial or Extended Temperature
• Real-Time Clock With 32 KHz Oscillator and
• Community Resources
Separate Power Rail
– TI E2E Community
• Three One 64-Bit General-Purpose Timers
– TI Embedded Processors Wiki
(Configurable as Two 32-Bit Timers)
2
AM1806 ARM Microprocessor
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com