Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS1600
Description  LOW-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600 Datasheet(HTML) 5 Page - Cirrus Logic

  CS1600 Datasheet HTML 1Page - Cirrus Logic CS1600 Datasheet HTML 2Page - Cirrus Logic CS1600 Datasheet HTML 3Page - Cirrus Logic CS1600 Datasheet HTML 4Page - Cirrus Logic CS1600 Datasheet HTML 5Page - Cirrus Logic CS1600 Datasheet HTML 6Page - Cirrus Logic CS1600 Datasheet HTML 7Page - Cirrus Logic CS1600 Datasheet HTML 8Page - Cirrus Logic CS1600 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CS1600
DS904A7
5
3. TYPICAL ELECTRICAL PERFORMANCE
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
14
16
18
20
VDD (V)
C
L = 1 nF
f
SW(max) = 70 kHz
T
A = 25 °C
Falling
Rising
7
8
9
10
11
12
13
-50
0
50
100
150
TEMP (oC)
Startup
UVLO
Figure 2. Start-up & UVLO vs. Temperature
Figure 3. UVLO Hysteresis vs. Temperature
Figure 4. VDD Zener Voltage vs. Temperature
Figure 3. UVLO Hysteresis vs. Temperature
Figure 1. UVLO Characteristics
0
0.5
1
1.5
2
-50
0
50
100
150
TEMP (oC)
17
17.5
18
18.5
19
-50
0
50
100
150
TEMP (oC)
I
DD = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com