Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS1600
Description  LOW-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS1600 Datasheet HTML 10Page - Cirrus Logic CS1600 Datasheet HTML 11Page - Cirrus Logic CS1600 Datasheet HTML 12Page - Cirrus Logic CS1600 Datasheet HTML 13Page - Cirrus Logic CS1600 Datasheet HTML 14Page - Cirrus Logic CS1600 Datasheet HTML 15Page - Cirrus Logic CS1600 Datasheet HTML 16Page - Cirrus Logic CS1600 Datasheet HTML 17Page - Cirrus Logic CS1600 Datasheet HTML 18Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
CS1600
14
DS904A7
5.2
Bill of Materials (for Application Example shown in Figure 17)
Designator
Value
Description/Part Number
R1a
1.5 M
Ω
R1b
1.5 M
Ω
R1c
1.5 M
Ω
R2a
1.5 M
Ω
R2b
1.5 M
Ω
R2c
1.5 M
Ω
R3
24.9
Ω
C1
0.47
μF
C2
4.7
μF
C3a
23.5
μF2 47μF, 250V caps in series
C3b
BR1
4A, 600V
Bridge diode - GBU4J-BP
D5
1 A, 600
1N4005
D6
3A, 600V
MURS360
L1
420
μH (max)
Premier Magnetics TSD-2798
Renco RLCS-1002
Q1
9A, 600V
FCP9N60N
CS1600
-
CS1600-FSZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com