Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9260PAP Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB9260PAP
Description  USB 3.0 TO SATA BRIDGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260PAP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB9260PAP Datasheet HTML 6Page - Texas Instruments TUSB9260PAP Datasheet HTML 7Page - Texas Instruments TUSB9260PAP Datasheet HTML 8Page - Texas Instruments TUSB9260PAP Datasheet HTML 9Page - Texas Instruments TUSB9260PAP Datasheet HTML 10Page - Texas Instruments TUSB9260PAP Datasheet HTML 11Page - Texas Instruments TUSB9260PAP Datasheet HTML 12Page - Texas Instruments TUSB9260PAP Datasheet HTML 13Page - Texas Instruments TUSB9260PAP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TUSB9260
SLLS962C – DECEMBER 2009 – REVISED JULY 2010
www.ti.com
3.4
Power Up and Reset Sequence
The TUSB9260 does not have specific power sequencing requirements with respect to the core power
(VDD), I/O power (VDD33), or analog power (VDDA11, VDDA33, VDDA18, and VDDR18). The core
power (VDD) or IO power (VDD33) may be powered up for an indefinite period of time while others are not
powered up if all of these constraints are met:
•
All maximum ratings and recommended operating conditions are observed.
•
All warnings about exposure to maximum rated and recommended conditions are observed,
par-ticularly junction temperature. These apply to power transitions as well as normal operation.
•
Bus contention while VDD33 is powered up must be limited to 100 hours over the projected life-time of
the device.
•
Bus contention while VDD33 is powered down may violate the absolute maximum ratings.
A supply bus is powered up when the voltage is within the recommended operating range. It is powered
down when it is below that range, either stable or in transition.
A minimum reset duration of 1 ms is required. This is defined as the time when the power supplies are in
the recommended operating range to the de-assertion of GRSTz.
10
OPERATION
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com