Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9260PAP Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB9260PAP
Description  USB 3.0 TO SATA BRIDGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260PAP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB9260PAP Datasheet HTML 13Page - Texas Instruments TUSB9260PAP Datasheet HTML 14Page - Texas Instruments TUSB9260PAP Datasheet HTML 15Page - Texas Instruments TUSB9260PAP Datasheet HTML 16Page - Texas Instruments TUSB9260PAP Datasheet HTML 17Page - Texas Instruments TUSB9260PAP Datasheet HTML 18Page - Texas Instruments TUSB9260PAP Datasheet HTML 19Page - Texas Instruments TUSB9260PAP Datasheet HTML 20Page - Texas Instruments TUSB9260PAP Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TUSB9260
www.ti.com
SLLS962C – DECEMBER 2009 – REVISED JULY 2010
6
ELECTRICAL SPECIFICATIONS
6.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDDR18/
Steady-state supply voltage
–0.3 to 2.45
V
VDDA18
VDD
Steady-state supply voltage
–0.3 to 1.4
V
VDD33/
Steady-state supply voltage
–0.3 to 3.8
V
VDDA33
6.2
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDDR18
Digital 1.8 supply voltage
1.71
1.8
1.89
V
VDDA18
Analog 1.8 supply voltage
1.62
1.8
1.89
V
VDD
Digital 1.1 supply voltage
1.045
1.1
1.155
V
VDD33
Digital 3.3 supply voltage
3
3.3
3.6
V
VDDA33
Analog 3.3 supply voltage
3
3.3
3.6
V
VBUS
Voltage at VBUS PAD
0
1.155
V
TA
Operating free-air temperature range
0
70
°C
TJ
Operating junction temperature range
0
105
°C
HBM ESD
1000
V
CDM ESD
500
V
6.3
DC Electrical Characteristics for 3.3-V Digital I/O
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
TR
Rise time
5 pF
1.5
ns
TF
Fall time
5 pF
1.53
ns
IOL
Low-level output current
VDD33 = 3.3 V, TJ = 25°C
6
mA
IOH
High-level output current
VDD33 = 3.3 V, TJ = 25°C
–6
mA
VOL
Low-level output voltage
IOL = 2 mA
0.4
V
VOH
High-level output voltage
IOL = –2 mA
2.4
V
VO
Output voltage
0
VDD33
V
RECEIVER
VI
Input voltage
0
VDD33
V
VIL
Low-level input voltage
0
0.8
V
VIH
High-level input voltage
2
V
Vhys
Input hysteresis
200
mV
tT
Input transition time (TR and TF)
10
ns
II
Input current
VI = 0 V to VDD33
12
µA
CI
Input capacitance
VDD33 = 3.3 V, TJ = 25°C
0.384
pF
Copyright © 2009–2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
17
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com