Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34919B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34919B
Description  Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34919B Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM34919B Datasheet HTML 1Page - National Semiconductor (TI) LM34919B Datasheet HTML 2Page - National Semiconductor (TI) LM34919B Datasheet HTML 3Page - National Semiconductor (TI) LM34919B Datasheet HTML 4Page - National Semiconductor (TI) LM34919B Datasheet HTML 5Page - National Semiconductor (TI) LM34919B Datasheet HTML 6Page - National Semiconductor (TI) LM34919B Datasheet HTML 7Page - National Semiconductor (TI) LM34919B Datasheet HTML 8Page - National Semiconductor (TI) LM34919B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Connection Diagrams
30102702
Bump Side
30102733
Top View
Ordering Information
Order Number
Package Type
NSC
Package
Drawing
Junction
Temperature Range
Supplied As
Feature
LM34919BQTL
10-Bump micro SMD
TLP10KAA
−40°C to + 125°C
250 Units on Tape
and Reel
AEC-Q100 Grade 1
qualitifed. Automotive
Grade Production
Flow. *
LM34919BQTLX
10–Bump micro SMD
TLP10KAA
3000 Units on
Tape and Reel
LM34919BTL
10-Bump micro SMD
TLP10KAA
−40°C to + 125°C
250 Units on Tape
and Reel
LM34919BTLX
10–Bump micro SMD
TLP10KAA
3000 Units on
Tape and Reel
For detailed information on micro SMD packages, refer to the Application Note AN-1112.
*Automotive grade (Q) product incorporates enhanced manufacturing and support processes for the automotive market, includng
defect detection methodologies. Reliability qualification is compliant with the requirements and temperature grades defined in the
AEC-Q100 standard. Automotive grade products are identified with the letter Q. For more information go to http://www.national.com/
automotive.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com