Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34919B Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34919B
Description  Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34919B Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM34919B Datasheet HTML 9Page - National Semiconductor (TI) LM34919B Datasheet HTML 10Page - National Semiconductor (TI) LM34919B Datasheet HTML 11Page - National Semiconductor (TI) LM34919B Datasheet HTML 12Page - National Semiconductor (TI) LM34919B Datasheet HTML 13Page - National Semiconductor (TI) LM34919B Datasheet HTML 14Page - National Semiconductor (TI) LM34919B Datasheet HTML 15Page - National Semiconductor (TI) LM34919B Datasheet HTML 16Page - National Semiconductor (TI) LM34919B Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Regulation Comparator
The feedback voltage at FB is compared to the voltage at the
Softstart pin (2.5V). In normal operation (the output voltage is
regulated), an on-time period is initiated when the voltage at
FB falls below 2.5V. The buck switch stays on for the pro-
grammed on-time, causing the FB voltage to rise above 2.5V.
After the on-time period, the buck switch stays off until the FB
voltage falls below 2.5V. Input bias current at the FB pin is
less than 100 nA over temperature.
Over-Voltage Comparator
The voltage at FB is compared to an internal 2.9V reference.
If the voltage at FB rises above 2.9V the on-time pulse is im-
mediately terminated. This condition can occur if the input
voltage or the output load changes suddenly, or if the inductor
(L1) saturates. The buck switch remains off until the voltage
at FB falls below 2.5V.
ON-Time Timer, and Shutdown
The on-time is determined by the R
ON resistor and the input
voltage (V
IN), and is calculated from:
(4)
The inverse relationship with V
IN results in a nearly constant
frequency as V
IN is varied. To set a specific continuous con-
duction mode switching frequency (F
S), the RON resistor is
determined from the following:
(5)
In high frequency applicatons the minimum value for t
ON is
limited by the maximum duty cycle required for regulation and
the minimum off-time. The minimum off-time limits the maxi-
mum duty cycle achievable with a low voltage at V
IN. At high
values of VIN, the minimum on-time is limited to
≊ 90 ns.
The LM34919B can be remotely shut down by taking the
RON/SD pin low. See Figure 3. In this mode the SS pin is
internally grounded, the on-timer is disabled, and bias cur-
rents are reduced. Releasing the RON/SD pin allows normal
operation to resume. The voltage at the RON/SD pin is be-
tween 1.4V and 5.0V, depending on V
IN and the RON resistor.
30102713
FIGURE 3. Shutdown Implementation
Current Limit
Current limit detection occurs during the off-time by monitor-
ing the recirculating current through the free-wheeling diode
(D1). Referring to the Block Diagram, when the buck switch
is turned off the inductor current flows through the load, into
SGND, through the sense resistor, out of ISEN and through
D1. If that current exceeds 0.64A the current limit comparator
output switches to delay the start of the next on-time period.
The next on-time starts when the current out of ISEN is below
0.64A and the voltage at FB is below 2.5V. If the overload
condition persists causing the inductor current to exceed
0.64A during each on-time, that is detected at the beginning
of each off-time. The operating frequency is lower due to
longer-than-normal off-times.
Figure 4 illustrates the inductor current waveform. During nor-
mal operation the load current is Io, the average of the ripple
waveform. When the load resistance decreases the current
ratchets up until the lower peak reaches 0.64A. During the
Current Limited portion of Figure 4, the current ramps down
to 0.64A during each off-time, initiating the next on-time (as-
suming the voltage at FB is <2.5V). During each on-time the
current ramps up an amount equal to:
ΔI = (V
IN - VOUT) x tON / L1
During this time the LM34919B is in a constant current mode,
with an average load current (I
OCL) equal to 0.64A + ΔI/2.
Generally, in applications where the switching frequency is
higher than
≊300 kHz and uses a small value inductor, the
higher dl/dt of the inductor's ripple current results in an effec-
tively lower valley current limit threshold due to the response
time of the current limit detection circuit. However, since the
small value inductor results in a relatively high ripple current
amplitude (
ΔI in Figure 4), the load current (I
OCL) at current
limit is typically in excess of 640 mA.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com