Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP156 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MP156
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MP156 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MP156 Datasheet HTML 1Page - Rectron Semiconductor MP156 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Superior thermal desing
* 300 amperes surge rating
* 1/4
//
universal faston terminal
* Hole thru for # 10 screw
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MP1505
THRU
MP1510
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTE: Suffix ”W” for wire type
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
MP-15
MP-15W
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
15.0
300
-55 to + 175
0 C
UNITS
Maximum Average Forward Output Current at Tc = 55
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
50
200
400
100
600
800
1000
Volts
Amps
MP1505
MP152
MP154
MP151
MP156
MP158
MP1510
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.5
mAmps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 7.5A DC
Volts
@TA = 25
oC
@TC = 100
oC
10
MP1505
MP152
MP154
MP151
MP156
MP158
MP1510
MECHANICAL DATA


Similar Part No. - MP156

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP156 MCC-MP156 Datasheet
81Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP156 GWSEMI-MP156 Datasheet
73Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP156 MCC-MP156 Datasheet
244Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP156 MPS-MP156 Datasheet
588Kb / 20P
Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
logo
Heyco.
MP156 HEYCO-MP156 Datasheet
160Kb / 1P
Male Pins
More results

Similar Description - MP156

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
MB1505 RECTRON-MB1505 Datasheet
261Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RS201M RECTRON-RS201M_11 Datasheet
197Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS1001M RECTRON-RS1001M_10 Datasheet
488Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
RS1501M RECTRON-RS1501M_10 Datasheet
272Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
DB201LS RECTRON-DB201LS Datasheet
487Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2020-04/97 REV:A
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
RS1501MLS RECTRON-RS1501MLS Datasheet
172Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
2017-05 REV: O47
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com