Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP156 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MP156
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MP156 Datasheet(HTML) 2 Page - Rectron Semiconductor

  MP156 Datasheet HTML 1Page - Rectron Semiconductor MP156 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( MP1505 THRU MP1510 )
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
1.0
.1
.01
0
20
40
60
80
100
120
140
TJ = 25
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
500
400
300
200
100
0
1
2
4
6 8 10
20
40 60 80 100
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
INSTANTANEOUS FORWARD VOLTAGE, (V)
100
10
1.0
.1
.01
.8
.6
.7
.9
1.0
1.1
1.2
1.3
CHARACTERISTICS
TJ = 25
Pulse Width = 300us
1% Duty Cycle
FIG. 2 - TYPICAL FORWARD CURRENT
DERATING CURVE
CASE TEMPERATURE, (
)
25
20
15
10
5
0
0
50
100
150
Single Phase Half Wave
60Hz Indutive or
Resistive Load
175
MP-15
MP-15W
.32 x .252 (0.81 x 6.35)
.583 (14.8)
.634 (16.1)
.425 (10.8)
.480 (12.2)
.673 (17.1)
1.102 (28)
1.142 (29)
.543 (13.8)
Max. .311 (7.9)
Min f.200 (5.08)
Hole for # 10 screw
Hole for # 10 screw
Min
.200 (5.08)
MAX. .311 (7.9)
MIN. .787 (20.0)
1.142 (29)
1.102 (28)
.732 (18.6)
.693 (17.6)
.043 (1.1)
.039 (1.0)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com