Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4147 Datasheet(PDF) 3 Page - EPCOS

Part # B4147
Description  Short range devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4147 Datasheet(HTML) 3 Page - EPCOS

  B4147 Datasheet HTML 1Page - EPCOS B4147 Datasheet HTML 2Page - EPCOS B4147 Datasheet HTML 3Page - EPCOS B4147 Datasheet HTML 4Page - EPCOS B4147 Datasheet HTML 5Page - EPCOS B4147 Datasheet HTML 6Page - EPCOS B4147 Datasheet HTML 7Page - EPCOS B4147 Datasheet HTML 8Page - EPCOS B4147 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
April 29, 2008
B4147
836.50 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature:
TA =
+ 25 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Center frequency
fC
—
836.50
—
MHz
Maximum insertion attenuation
α
max
824.00 ...
849.00 MHz
—
2.7
3.0
dB
Amplitude ripple (p-p)
∆α
824.00 ...
849.00 MHz
—
1.7
2.0
dB
VSWR
824.00 ...
849.00 MHz
—
1.78
1.92
Attenuation
α
0.00 ...
779.00 MHz
31
34
—
dB
779.00 ...
805.00 MHz
25
31
—
dB
869.00 ...
894.00 MHz
40
44
—
dB
894.00 ...
979.00 MHz
36
40
—
dB
979.00 ... 1030.00 MHz
38
40
—
dB
1030.00 ... 1300.00 MHz
36
39
—
dB
1300.00 ... 1580.00 MHz
28
32
—
dB
1580.00 ... 1698.00 MHz
24
30
—
dB
1698.00 ... 2547.00 MHz
14
22
—
dB
Rx band suppression
α
869.00 ...
894.00 MHz
40
44
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com