Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4147 Datasheet(PDF) 4 Page - EPCOS

Part # B4147
Description  Short range devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4147 Datasheet(HTML) 4 Page - EPCOS

  B4147 Datasheet HTML 1Page - EPCOS B4147 Datasheet HTML 2Page - EPCOS B4147 Datasheet HTML 3Page - EPCOS B4147 Datasheet HTML 4Page - EPCOS B4147 Datasheet HTML 5Page - EPCOS B4147 Datasheet HTML 6Page - EPCOS B4147 Datasheet HTML 7Page - EPCOS B4147 Datasheet HTML 8Page - EPCOS B4147 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
April 29, 2008
B4147
836.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics
Temperature range for specification:
TA = –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Center frequency
fC
—
836.50
—
MHz
Maximum insertion attenuation
α
max
824.00 ...
849.00 MHz
—
3.0
3.5
dB
Amplitude ripple (p-p)
∆α
824.00 ...
849.00 MHz
—
2.0
2.5
dB
VSWR
824.00 ...
849.00 MHz
—
1.78
1.92
Attenuation
α
0.00 ...
779.00 MHz
31
34
—
dB
779.00 ...
805.00 MHz
25
31
—
dB
869.00 ...
894.00 MHz
40
43
—
dB
894.00 ...
979.00 MHz
36
40
—
dB
979.00 ... 1030.00 MHz
38
40
—
dB
1030.00 ... 1300.00 MHz
36
39
—
dB
1300.00 ... 1580.00 MHz
28
32
—
dB
1580.00 ... 1698.00 MHz
24
30
—
dB
1698.00 ... 2547.00 MHz
14
22
—
dB
Rx band suppression
α
869.00 ...
894.00 MHz
40
43
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com