Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS28
Description  High-speed double diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS28 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS28 Datasheet HTML 1Page - NXP Semiconductors BAS28 Datasheet HTML 2Page - NXP Semiconductors BAS28 Datasheet HTML 3Page - NXP Semiconductors BAS28 Datasheet HTML 4Page - NXP Semiconductors BAS28 Datasheet HTML 5Page - NXP Semiconductors BAS28 Datasheet HTML 6Page - NXP Semiconductors BAS28 Datasheet HTML 7Page - NXP Semiconductors BAS28 Datasheet HTML 8Page - NXP Semiconductors BAS28 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BAS28
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 22 July 2010
3 of 12
NXP Semiconductors
BAS28
High-speed double diode
5.
Limiting values
[1]
Device mounted on an FR4 PCB.
[2]
One diode loaded.
[3]
Tj =25 °C prior to surge.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak
reverse voltage
-85
V
VR
reverse voltage
-
75
V
IF
forward current
[1] -215
mA
IFRM
repetitive peak
forward current
-500
mA
IFSM
non-repetitive peak
forward current
square wave
[3]
tp =1 μs-
4
A
tp =1ms
-
1
A
tp =1s
-
0.5
A
Per device
Ptot
total power dissipation
Tamb =25 °C
[1][2] -250
mW
Tj
junction temperature
-
150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device; one diode loaded
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Rth(j-t)
thermal resistance from
junction to tie-point
-
-
360
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com