Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS28
Description  High-speed double diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS28 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS28 Datasheet HTML 1Page - NXP Semiconductors BAS28 Datasheet HTML 2Page - NXP Semiconductors BAS28 Datasheet HTML 3Page - NXP Semiconductors BAS28 Datasheet HTML 4Page - NXP Semiconductors BAS28 Datasheet HTML 5Page - NXP Semiconductors BAS28 Datasheet HTML 6Page - NXP Semiconductors BAS28 Datasheet HTML 7Page - NXP Semiconductors BAS28 Datasheet HTML 8Page - NXP Semiconductors BAS28 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BAS28
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 22 July 2010
5 of 12
NXP Semiconductors
BAS28
High-speed double diode
VR =VRmax
(1) VR = 75 V; maximum values
(2) VR = 75 V; typical values
(3) VR = 25 V; typical values
f=1MHz; Tj =25 °C
Fig 3.
Reverse current as a function of junction
temperature
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
Fig 5.
Forward current as a function of ambient temperature; derating curve
105
104
10
200
0
mga884
100
Tj (°C)
IR
(nA)
103
102
(2)
(1)
(3)
08
16
12
4
0.8
0.6
0
0.4
0.2
mbg446
VR (V)
Cd
(pF)
0
50
100
200
250
0
200
msa562
150
150
100
50
IF
(mA)
Tamb (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com