Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

355 Datasheet(PDF) 2 Page - 3M Electronics

Part # 355
Description  3M??Power Clamp Wiremount Socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

355 Datasheet(HTML) 2 Page - 3M Electronics

  355 Datasheet HTML 1Page - 3M Electronics 355 Datasheet HTML 2Page - 3M Electronics 355 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MPower Clamp Wiremount Socket
3 mm, IDC, 5 Position
355 Series
TS-2273-C
Sheet 2 of 2
Ordering Information
35505 - 6XX0 - X0X GF
mm
[Inch]
Tolerance Unless Noted
0
.0
.00
mm
±1
±.3
±.13
[ ] Dimensions for Reference Only
Wire Size:
0: 20 AWG
8: 18 AWG
Wire Outside Diameter:
0: 2.2 – 3.0 mm
1: 2.0 – 2.3 mm
2: 1.6 – 2.0 mm
Polarization:
A: Type A (wide)
B: Type B (narrow)
Option:
0: 3M Original
M: Drain Wire
C
X X
X X
Polarization
18.2
[0.717]
25.0 [0.984]
10.2
[0.402]
7.4
[0.291]
16.7
12.0
[0.472]
5.6 [0.220]
4.6 [0.181]
12.00 [0.472]
12.00 [0.472]
6.00 [0.236]
3.00 [0.118]
[0.657]
Available Part Numbers
3M Part Number
Outside
Diameter Range
of Wire
Wire
Gauge
Cover
Color
35505-6080-A00 GF
2.2 - 3.0 mm [.087 - .118"]
18 AWG Clear
35505-6180-A00 GF
2.0 - 2.3 mm [.079 - .091"]
18 AWG
Blue
35505-6200-A00 GF
1.6 - 2.0 mm [.063 - .079"]
20 AWG Yellow
35505-6000-B0M GF* 2.2 - 3.0 mm [.087 - .118"]
20 AWG
Red
(RIA E1 and C1 Apply)
*35505-6000-BOM GF connects communication cable with 3 discrete and 1 drain wire.
Twist drain wire 7 or more times to tighten strands and insert into wire position #5.
Metal Clip Accessory: 79116-PCM-01M
Metal Clip Accessory 79116-PCM-01M available for additional
latching security in high demand applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com