Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

355 Datasheet(PDF) 1 Page - 3M Electronics

Part # 355
Description  3M™ Power Clamp Wiremount Socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

355 Datasheet(HTML) 1 Page - 3M Electronics

  355 Datasheet HTML 1Page - 3M Electronics 355 Datasheet HTML 2Page - 3M Electronics 355 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Power Clamp Wiremount Socket
3 mm, IDC, 5 Position
355 Series
• Easy, labor saving, and reliable IDC termination
• Easy field termination with no special tooling or wire
preparation – no stripping or tinning
• Semi-Transparent color-coded covers for wire inspection
and wire retention
• CC-Link Communication Interconnect Standard
• One-Touch latching mechanism maintains a reliable
interconnection in demanding field applications and
requires only one hand to easily mate and unmate
• Polarization ensures proper interconnecting of mated pairs
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the "RoHS compliance" section of
www.3M.com/Interconnects for compliance information
(RIA E1 & C1 apply).
Date Modified: December 20, 2009
TS-2273-C
Sheet 1 of 2
Physical
Insulation:
Body Material: Nylon
Cover Material: Polycarbonate
Flammability: UL 94V-0
Body Color: Black
Cover Color: Clear,Yellow, Blue, Red
Contact:
Material: Copper Alloy
Plating:
Underplating: 2.5 µm Ni minimum
Wiping Area: 0.5 µm Au minimum
IDC Termination Area: 2.5 µm Ni minimum
Wire Accommodation: 18 & 20 AWG: PVC, TFE, Foamed PE insulation with solid or 7 - 19 stranded Tinned or
Silver Cu.
MIL-W- 16878/5 EE, MIL-W- 16878/4 E, MIL-W- 16878/1, MIL-W- 16878/2 C
CC-Link Ver 1.10 Cables
Contact 3M for additional wire accommodations
Mating Compatability: 356, 357, 358 Series (with same polarizations)
Electrical
Current Rating: 18 AWG: 10A (1 contact); 7A (2 - 5 contacts)
20 AWG: 9A (1 contact); 6A (2 - 5 contacts)
Rating Conditions: 30° C maximum temperature rise
Voltage Rating: 250 V
Insulation Resistance: 103 M
Ω min. at 600VDC
Withstanding Voltage: 1,000 V
RMS for 1 minute
Environmental
Temperature Rating: -20°C to +75°C ambient
UL Rating: 65°C
UL File No.: E68080


Similar Part No. - 355

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
355 MAGNETROL-355 Datasheet
679Kb / 6P
Introducing Full-featured Level Transmitters with a User-friendly Price Point.
logo
Witten Company, Inc.
355 WITTEN-355 Datasheet
121Kb / 1P
THRU-HOLE THREADED INSERT W/FLANGE
logo
Fluke Corporation
355 FLUKE-355 Datasheet
485Kb / 3P
True-rms 2000 A Clamp Meters
logo
EDAC, All Rights Reserv...
355 EDAC-355 Datasheet
278Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
logo
SYC Electronica
355 SYC-355 Datasheet
461Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current(LF155) High Speed(LF156)
More results

Similar Description - 355

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
3M Pak 100 Wiremount Socket
28-Jan-2005
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
3M D Ribbon Wiremount Plug
09-Mar-2005
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
3M D Ribbon Wiremount Socket
09-Mar-2005
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
3M Pak 100 Preassembled Wiremount Socket
17-May-2004
358 3M-358 Datasheet
1Mb / 4P
3M™ Power Clamp Wiremount Plug
20-Dec-2009
926781-01-10-I 3M-926781-01-10-I Datasheet
254Kb / 5P
3M™ D Ribbon Wiremount Plug
09-Jan-2007
3435-0 3M-3435-0 Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
3M Wiremount Socket
12-Oct-2011
P25LE-030S-DA 3M-P25LE-030S-DA Datasheet
830Kb / 3P
3M Pak 50 Low Profile Wiremount Socket
17-Feb-2010
451 3M-451 Datasheet
376Kb / 9P
3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
Rev F
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com