Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5DF081 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P5DF081
Description  MIFARE SAM AV2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081 Datasheet(HTML) 2 Page - NXP Semiconductors

  P5DF081 Datasheet HTML 1Page - NXP Semiconductors P5DF081 Datasheet HTML 2Page - NXP Semiconductors P5DF081 Datasheet HTML 3Page - NXP Semiconductors P5DF081 Datasheet HTML 4Page - NXP Semiconductors P5DF081 Datasheet HTML 5Page - NXP Semiconductors P5DF081 Datasheet HTML 6Page - NXP Semiconductors P5DF081 Datasheet HTML 7Page - NXP Semiconductors P5DF081 Datasheet HTML 8Page - NXP Semiconductors P5DF081 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 12 August 2010
191710
2 of 36
NXP Semiconductors
P5DF081
MIFARE SAM AV2
Secure Host to SAM and back end to SAM communication with symmetric
cryptography 3 pass authentication for confidentiality and integrity
Support high speed baud rates up to 1.5 Mbit/s
Secure Host to SAM and back end to SAM communication with RSA based
cryptography
Support ISO/IEC 7816 baud rates
True random number generator (TRNG)
2.3 Delivery types
Available in wafer, PCM 1.1 module, or HVQFN package
3.
Applications
Access management
Public transport
Loyalty programs
Micro payment
4.
Quick reference data
5.
Ordering information
Table 1.
Quick reference data
VDD; VSS =0V; Tamb = 25 C to +85 C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
Class A: 5 V range
4.5
5.0
5.5
V
Class B: 3 V range
2.7
3.0
3.3
V
Table 2.
Ordering information
Type number
Package
Name
Description
Version
P5DF081X0/T1AD2060
PCM1.1
contact chip card module (super 35 mm
tape format, 8-contact)
SOT658-1
P5DF081HN/T1AD2060
HVQFN32 plastic thermal enhanced very thin quad
flat package; no leads; 32 terminals;
body 5
 5  0.85 mm
SOT617-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com