Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5DF081 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P5DF081
Description  MIFARE SAM AV2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P5DF081 Datasheet HTML 9Page - NXP Semiconductors P5DF081 Datasheet HTML 10Page - NXP Semiconductors P5DF081 Datasheet HTML 11Page - NXP Semiconductors P5DF081 Datasheet HTML 12Page - NXP Semiconductors P5DF081 Datasheet HTML 13Page - NXP Semiconductors P5DF081 Datasheet HTML 14Page - NXP Semiconductors P5DF081 Datasheet HTML 15Page - NXP Semiconductors P5DF081 Datasheet HTML 16Page - NXP Semiconductors P5DF081 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 12 August 2010
191710
13 of 36
NXP Semiconductors
P5DF081
MIFARE SAM AV2
8.6 MIFARE SAM AV2 command set
For better readability of the following command descriptions, the logical channel number
of the CLA byte is set to default 00b.
8.6.1 SAM security and configuration commands
Table 6.
SAM security and configuration commands
Command
Description
SAM_DisableCrypto
This command allows the permanent and irreversible disabling of the cryptographic functionality
of the MIFARE SAM AV2.
Successful host authentication with one of the three keys stored in KeyNo 00h is required to send
this command.
SAM_LockUnlock
The command SAM_LockUnlock (INS = 10h) is used to run a mutual authentication
between the SAM and host system. The host authentication consists of three parts.
Such an authentication proves that both the SAM and the host contain the same secret,
namely the AES key Kx. The terminology, notations and state descriptions for
SAM_LockUnlock are provided in Ref. 1.
SAM_AuthenticateHost
AV1 compatibility mode:
The command SAM_AuthenticateHost is used to run a mutual 3-pass authentication between the
MIFARE SAM AV2 and host system.
Such an authentication proves that both the MIFARE SAM AV2 and the host contain the same
secret, namely a DES, TDEA or AES key and generates a session key for further cryptographic
operations.
A host authentication is required to:
• Load or update keys into the MIFARE SAM AV2
• Modify key usage counter limits
• Activate the MIFARE SAM AV2 after reset (if configured accordingly in the
configuration settings (SET) of KeyNo 00h)
SAM_ActivateOfflineKey
SAM_ActivateOfflineKey is to be used in AV2 mode to activate both OfflineCrypto and
OfflineChange keys.
SAM_LoadInitVector
The command SAM_LoadInitVector is used to load an init vector for the next cryptographic
operation into the MIFARE SAM AV2.
The loaded init vector will be applied in the next cryptographic operation independent from the
‘Keep IV’ setting of the key entry except for the authentication commands where the init vector is
reset to zero.
SAM_KillAuthentication
AV1 compatibility mode:
Invalidates any kind of authentication in the logical channel the command is issued.
SAM_SelectApplication
The command SAM_SelectApplication is the equivalent of the SelectApplication command of
DESFire. The MIFARE SAM AV2 generates a list of available keys linked to the specified
Application ID as defined in the key entry property ‘DF_AID’.
The MIFARE SAM AV2 generates a list of available keys per DESFire AID and DESFire key
number. For every key number, up to 6 key versions can be stored in the list (so it can read the
keys from maximum two key entries per DESFire AID and DESFire key number). This list is filled
starting with key entry zero. If the KST contains more than 6 key versions per DESFire AID and
DESFIRE key number, only the first 6 versions will be listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com