Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGS Datasheet(PDF) 3 Page - Schurter Inc.

Part # FGS
Description  IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FGS Datasheet(HTML) 3 Page - Schurter Inc.

  FGS Datasheet HTML 1Page - Schurter Inc. FGS Datasheet HTML 2Page - Schurter Inc. FGS Datasheet HTML 3Page - Schurter Inc. FGS Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power Entry Modules with Line Filter
FGS
www.schurter.com/pg06
EMC Products
Technical Data of Filter-Components
Rated Current
[A]
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
1
2 x 10
47
2.2
2
2 x 4
47
2.2
4
2 x 1.5
47
2.2
6
2 x 0.8
47
2.2
10
2 x 0.3
47
2.2
Diagrams
Standard version
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
Standardversion
1 A
2 A
4 A
6 A
10 A
Variants
Rated Current
[A]
Mounting
Panel mounting
Terminal
Order Number
1
Snap-in
Screw-on from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5011
2
Snap-in
Screw-on from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5012
4
Snap-in
Screw-on from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5013
6
Snap-in
Screw-on from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5014
10
Snap-in
Screw-on from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5015
1
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5091
2
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5092
4
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5093
6
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5094
10
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5095
1
Screw
Screw-on from rear side
Flexible wire 18 AWG
4300.5071
2
Screw
Screw-on from rear side
Flexible wire 18 AWG
4300.5072
4
Screw
Screw-on from rear side
Flexible wire 18 AWG
4300.5073
6
Screw
Screw-on from rear side
Flexible wire 18 AWG
4300.5074
10
Screw
Screw-on from rear side
Flexible wire 18 AWG
4300.5075



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com