Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGS Datasheet(PDF) 2 Page - Schurter Inc.

Part # FGS
Description  IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FGS Datasheet(HTML) 2 Page - Schurter Inc.

  FGS Datasheet HTML 1Page - Schurter Inc. FGS Datasheet HTML 2Page - Schurter Inc. FGS Datasheet HTML 3Page - Schurter Inc. FGS Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Power Entry Modules with Line Filter
FGS
www.schurter.com/pg06
EMC Products
Dimensions
57mm
Snap-in, front side, quick connect terminals
+1
-0
max. 26
max. 44
(6.1)
6.3x0.8
(57)
(21.3)
max. 29.5
±0.1
X
0.8...3 mm
22.3
R 3
X
Screw-on, rear side, quick connect terminal
(22.2)
(23)
(R4.8)
(5)
(57)
(5)
(21.1)
22
max.50
3.2
(R4.5)
4.3
+0.5
-0
R <=
Screw-on, rear side, flexible wires
(22.2)
(23)
(R4.8)
(4)
(10)
(21.1)
22.3
max.50
150
3.2
(R4.5)
4.3
+0.5
-0
R <=
brown
blue
yellow green
±0.10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com