Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXFIBER-SFP Datasheet(PDF) 1 Page - SIXNET Technology Park

Part # GXFIBER-SFP
Description  INDUSTRIAL ETHERNET GIGABIT FIBER TRANSCEIVERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIXNET [SIXNET Technology Park]
Direct Link  http://www.sixnet.com/index.cfm
Logo SIXNET - SIXNET Technology Park

GXFIBER-SFP Datasheet(HTML) 1 Page - SIXNET Technology Park

  GXFIBER-SFP Datasheet HTML 1Page - SIXNET Technology Park GXFIBER-SFP Datasheet HTML 2Page - SIXNET Technology Park  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
solutions for your industrial networking challenges
www.sixnet.com
iNDUSTRiAL eTHeRNeT GiGABiT fiBeR TRANSCeiVeRS
GxFIBER-SFP
PRODUCT DATASHEET
PRODUCT HiGHLiGHTS
n
SFP 1.25 Gbps fiber transceivers with LC
style connectors
n
Pluggable for quick and easy installation
- saves you time
n
Industry standard Small Form Factor (MSA
compliant) - saves you space
n
Multimode and singlemode models available
n
Noise immune fiber runs from 550 m to 80 km
n
Industrial rated for -40 to 85°C operation
n
Vibration resistance latching mechanism
n
Small Form Factor Pluggable MSA compliant
n
Fully compliant with IEEE 802.3z Gigabit
Ethernet standards
n
Low power consumption
n
Standard duplex LC receptacle
n
Laser Class 1 product - IEC60825-1 compliant
Lead and Hazardous
Substance Free
ReCOMMeNDeD OPeRATiNG CONDiTiONS
Parameter
min.
tyP.
max
Unit
note
Operating Temperature
-40
-
85
o
C
-
Storage Temperature
-40
-
85
o
C
-
Humidity
5
-
95
%
non-condensing
Power Supply Voltage
3.1
3.3
3.5
V
-
Supply Current (3.3V)
-
-
85
mA
Data Rate
-
1250
-
Mbit/s
-
MeCHANiCAL DiMeNSiONS
(UNiTS iN MM)
Note: Use this special singlemode transceiver with multimode fiber cable for a nominal maximum link distance of 2 km. This transceiver offsets the trans-
mitted light (so no mode conditioning patch cord is required) and is specifically for use with multimode fiber cable. It is recommended that this transceiver
be used on both ends of the cable for best performance. Do not use this transceiver with singlemode fiber cable.
Part Number
Availability
Mode
Data Rate
(Mbps)
Light Source
TX (dBm)
Min.
TX (dBm)
Max.
RX (dBm)
Sen
Connector
Type
Nominal Max.
Distance
GMFIBER-SFP-500K
standard
multimode
1.25
850 VCSEL
-9
-3
-18
LC
550m
GMFIBER-SFP-2K
special order
see note
1.25
1310 FP
-9
-3
-20
LC
2km*
GSFIBER-SFP-10K
standard
singlemode
1.25
1310 FP
-9
-3
-20
LC
10km
GSFIBER-SFP-30K
special order
singlemode
1.25
1550 DFB
-4
2
-23
LC
30km
GSFIBER-SFP-50K
special order
singlemode
1.25
1550 DFB
-4
2
-23
LC
50km
GSFIBER-SFP-80K
special order
singlemode
1.25
1550 DFB
0
5
-23
LC
80km
ORDeRiNG GUiDe


Similar Description - GXFIBER-SFP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-53D5 HP-HFBR-53D5 Datasheet
280Kb / 16P
1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
logo
SIXNET Technology Park
FXFIBER-SFP SIXNET-FXFIBER-SFP Datasheet
1Mb / 2P
INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
logo
OPLINK Communications I...
TRPUG1CLXX000E2G OPLINK-TRPUG1CLXX000E2G Datasheet
675Kb / 6P
Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
logo
Red Lion Controls. Inc
FXFIBER-SFP REDLION-FXFIBER-SFP Datasheet
902Kb / 2P
Industrial Fast Ethernet Fiber Transceivers
logo
ORing Industrial Networ...
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
Industrial Gigabit Ethernet to fiber media converter
IGPMC-111GP ORING-IGPMC-111GP Datasheet
347Kb / 5P
Industrial Gigabit PoE Ethernet to fiber media converter
ITGMC-111GP ORING-ITGMC-111GP Datasheet
955Kb / 3P
Industrial Gigabit Ethernet to fiber media converter
logo
List of Unclassifed Man...
HEMC2G ETC2-HEMC2G Datasheet
517Kb / 3P
Industrial Gigabit Ethernet to Fiber Media Converter
logo
Moxa Inc.
IMC-21GA MOXA-IMC-21GA Datasheet
741Kb / 5P
Industrial Gigabit Ethernet-to-fiber media converters
IMC-101G MOXA-IMC-101G Datasheet
979Kb / 4P
Industrial Gigabit Ethernet-to-fiber media converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com