Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXFIBER-SFP Datasheet(PDF) 2 Page - SIXNET Technology Park

Part # GXFIBER-SFP
Description  INDUSTRIAL ETHERNET GIGABIT FIBER TRANSCEIVERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIXNET [SIXNET Technology Park]
Direct Link  http://www.sixnet.com/index.cfm
Logo SIXNET - SIXNET Technology Park

GXFIBER-SFP Datasheet(HTML) 2 Page - SIXNET Technology Park

  GXFIBER-SFP Datasheet HTML 1Page - SIXNET Technology Park GXFIBER-SFP Datasheet HTML 2Page - SIXNET Technology Park  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
solutions for your industrial networking challenges
www.sixnet.com
SIXNET Technology Park
331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
Datasheet GxFIBER-SFP
Rev: 15 June, 2009
gxfiber-sfp
iNDUSTRiAL fAST eTHeRNeT fiBeR TRANSCeiVeRS
TRANSMiTTeR OPTiCAL CHARACTeRiSTiCS:
PARAMeTeR
RATiNG1
MiN.
TyP.
MAx.
UNiT
NOTe
Output Optical Power From
Multimode Fiber
550M, 2km2
-9
-
-3
dBm
For MM fiber
Output Optical Power From
Single Mode Fiber
10km
30km
50km
80km
-9
-4
-4
0
-
-
-3
2
2
5
dBm
For SM fiber
Extinction Ratio
9
-
-
dB
For MM fiber
Output Center Wavelength
550m
2km2
10km,30km
50km, 80km
830
1270
1280
1500
850
1310
1310
1550
860
1355
1355
1580
nm
For MM fiber
For SM fiber
For SM fiber
For SM fiber
Spectral Width (RMS)
550m
2km
10km
-
-
-
-
-
-
0.85
4
4
nm
For MM fiber
For MM fiber
For SM fiber
Spectral Width (-20dB)
30km, 50km, 80km
-
-
1
nm
For SM fiber
Side Mode Suppression Ratio
30km, 50km, 80km
30
-
-
dB
For SM fiber
Rise/Fall time (10%-90%)
-
-
-
260
ps
-
Relative Intensity Noise
-
-
-
-117
dB/Hz
-
Total Jitter
-
-
-
227
ps
-
Output Eye
Compliant with IEEE802.3z
ReCeiVeR OPTiCAL CHARACTeRiSTiCS:
Optical Input Power
550m
2km
10km, 30km, 50km, 80km
-
-
0
-3
-3
dBm
For MM fiber
For MM fiber
For SM fiber
Sensitivity
550m
2km
10km
30km, 50km, 80km
-
-
-
-
-
-
-
-
-18
-20
-20
-23
dBm
For MM fiber
For SM fiber
For SM fiber
For SM fiber
Operating Wavelength
550m
2km
10km, 30km, 50km, 80km
770
1260
1260
-
1610
nm
For MM fiber
For MM fiber
For SM fiber
Loss of Signal - Asserted
550m
2km
10km
30km,50km, 80km
-32
-35
-35
-35
-
-
-
-
-
-
-
-
dBm
For MM fiber
For MM fiber
For SM fiber
For SM fiber
Loss of Signal - Deasserted
550m
2km
10km
30km,50km, 80km
-45
-
-18
-20
-20
-23
dBm
For MM fiber
For MM fiber
For SM fiber
For SM fiber
Note 1: The distance rating is for reference only. For accurate distance estimations, the power budget should be used.
Note 2: The 2 km transmission distance corresponds to using the special GMFIBER-SFP-2K transceiver with multimode fiber cable.
This transceiver offsets the transmitted light (so no mode conditioning patch cord is required) and is specifically for use with multimode
fiber cable. It is recommended that this transceiver be used on both ends of the cable for best performance. Do not use this transceiver
with singlemode fiber cable.
All specifications are subject to change. Consult factory for latest info.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com