Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL228 Datasheet(PDF) 3 Page - SIXNET Technology Park

Part # EL228
Description  Heavy Industrial Ethernet Managed Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIXNET [SIXNET Technology Park]
Direct Link  http://www.sixnet.com/index.cfm
Logo SIXNET - SIXNET Technology Park

EL228 Datasheet(HTML) 3 Page - SIXNET Technology Park

  EL228 Datasheet HTML 1Page - SIXNET Technology Park EL228 Datasheet HTML 2Page - SIXNET Technology Park EL228 Datasheet HTML 3Page - SIXNET Technology Park EL228 Datasheet HTML 4Page - SIXNET Technology Park  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATIONS
Ethernet Performance
• 28 total Ethernet ports (24 + 4G)
• 24 SFP ports for a mix of copper or fiber
• 4 Gigabit with 2 SFP ports and 2 RJ45/SFP combo ports
• RJ45 ports: auto-negotiation (speed/duplex) and auto-crossover
• Non-blocking, store and forward, wire-speed
• Switching capacity and forwarding rate: 12.8 Gbps/9.5 Mpps
• Jumbo frame: 10K on Gigabit ports
• Ethernet isolation: 1500 Vrms 1 minute
Switching Features
• Flow control: IEEE 802.3x (Full Duplex) and Back-Pressure
(Half Duplex)
• Spanning Tree Protocol (STP per IEEE 802.1D) plus
– IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
– IEEE 802.1s Multiple Spanning Tree Protocol (MSTP)
– BPDU forwarding and filtering
• Real-Time-Ring for high-speed, fault-tolerant rings
– Link loss recovery: 50ms/hop
– Switches in ring: <50 for best performance
– Multiple rings are supported (4 per switch)
• Virtual Local Area Networks (VLANs)
– 802.1Q tag-based with 256 VLANs and 4K VLAN ID
– 802.1v protocol and port-based VLAN
– Voice and Private VLAN
– GVRP and Q-in-Q (double tagging)
• Link Aggregation Control Protocol (LACP per IEEE 802.3ad)
– Static trunk (8 trunks and up to 8 ports per trunk)
– Traffic load balancing
• Internet Group Management Protocol (IGMP)
– IGMP v1, v2 and v3 with up to 255 multicast groups
– IGMP snooping and querying
– Immediate leave and leave proxy
– Throttling and filtering
• Multicast VLAN Registration (MVR)
• IEEE 802.1ab Link layer Discovery Protocol (LLDP)
• Quality of Service (QoS) with 4 priority queues
– Scheduling schemes: WRR and Strict priority
– CoS per IEEE 802.1p and IP DSCP-based
– DiffServ (DS): ingress, egress and remarking
• Rate limiting (ingress and egress)
– 64Kbps to 100/1000 Mbps
– Per port CoS
Security
• Enable/disable ports
• Port security (MAC-based): static and dynamic
• DHCP Snooping and Option 82
• IP Source Guard
• IEEE 802.1X Network Access Control
– Port-based with single or multiple host mode
– Authentication: EAP-MD5, PEAP, TLS, TTLS
– MAC and web authentication
– Guest VLAN and Auto VLAN assignment
• RADIUS and TACACS+ AAA
– Authentication, Accounting and Authorization
– 5 servers for RADIUS, 1 server for TACACS+
– Encryption: MD5, TLS, TTLS, TACACS+ AAA/3.0
• Access Control List (ACL)
– IP and MAC-based
– VLAN and TCP/UDP port
• Storm Control for broadcast and multicast messages
• HTTPS/SSL for secure Web access
• SSH v1.5/2.0 for secure Telnet access
• SNMPv3 authentication and encryption
• Username and password authentication
• Management access filtering
Management & Monitoring
• IP Address assignment: Static, DHCP and BOOTP
• CLI (Command Line Interface) via console or Telnet
• Web interface (HTTP/HTTPS/SSL)
• SNMP v1, v2, v3 (Simple Network Management Protocol)
• SNMP Traps for event notification
• RMON I (Remote Monitoring): Groups 1, 2, 3 and 9
• sFlow network-wide traffi c monitoring
• Dual firmware update system
• Configuration download and upload
• Software upgrade via TFTP
• Port mirroring
• Event/Error/System log
– Local flash
– Remote server via system log (Syslog RFC 3164)
– SMTP (RFC 821) email alarming
• Network Time Protocol for time synchronization
– SNTP (RFC 2030) and NTP (RFC 1305)
• DNS (Domain Name Server) client
• Universal Plug and Play (UPnP)
• IEEE 802.3ah OAM (Operational Administration Maintenance)
• Banner commands
Power Input & Alarm Output
• Dual-redundant internal power input option
• 10-pole screw block can be positioned in front or back
• Power input options: (absolute min-max)
– +/-18-75 VDC dual input (DC option)
– 90-300 VDC or 85-264 VAC (AC option)
• Power consumption: 60 Watts typ. with all ports linked
• Protection: current overload and reverse polarity
• Alarm output: form -C relay (NO and NC contacts)
– Max. voltage: 250 VAC, 30 VDC
– Max. current: 2A @ 30 VDC or 250 VAC
Mechanical
• Universal mounting (Sixnet exclusive feature - patent pending)
– Front or rear/reverse wiring with power in front or back
– 1U rack mount (19” brackets included)
– Optional 23”, 24”, EIA, WECO, ETSI and wall brackets available
• Ingress protection: IP50 sealed from dust and contaminants
• Heavy-gauge corrosion-resistant metal enclosure
• Dimensions (HxWxD): 1.75(1U)x17.3x12’ (45x439x305mm)
• Weight (typical): 9.5 lbs (4.3 kg)
Environmental
• Operating/storage temperature: -40 to +85°C per IEC 60068-2-1/2
• Humidity: 5 to 95% RH (non-condensing) per IEC 60068-2-30
• Vibration: 2g @ 9-200Hz & 7.5mm, 2-9Hz per IEC60068-2-6
• Seismic: 2g, 9-35Hz & 7.5mm, 1-9Hz per IEC60255-21-3
• Shock: 30g @ 6ms per IEC60028-2-27
• Freefall and static load per IEC60721-3-3 & IEC60068-2-31
Standards & Compliance
• Power Systems: IEC61850-3, IEC60870-2-1/2; IEEE1613
– KEMA tested and approved
• Traffic Control: NEMA TS-2
• Railway Systems: EN50155 & EN50121-4
• Hazardous Locations: UL1604 / CSA C22.2/213 / ISA12.12 (Class I,
Div 2); EN60079-15 (Zone 2, Cat 3), ATEX, CE (pending)
• Safety: UL508 / CSA C22.2/14 (pending); EN60950-1, CE
• EMC: IEEE c37.90.1/2/3, IEC61000-6-2, IEC61000-6-4, IEC/
TS61000-6-5, IEC60870-2-1, IEC61000-4 Series, FCC Part 15,
EN55022/CISPR22, CE
• Dielectric and Impulse: IEC60255-5 & C37.90
• RoHS, WEEE and REACH compliant
• MTBF: >200,000 hours GB @ 40°C per MIL-HNDBK-217F2
• ISO9001:2008 certified company
Warranty
• 5 years on design and manufacturing defects
All specifications are subject to change. Contact Sixnet to learn more.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com