Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL228 Datasheet(PDF) 4 Page - SIXNET Technology Park

Part # EL228
Description  Heavy Industrial Ethernet Managed Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIXNET [SIXNET Technology Park]
Direct Link  http://www.sixnet.com/index.cfm
Logo SIXNET - SIXNET Technology Park

EL228 Datasheet(HTML) 4 Page - SIXNET Technology Park

  EL228 Datasheet HTML 1Page - SIXNET Technology Park EL228 Datasheet HTML 2Page - SIXNET Technology Park EL228 Datasheet HTML 3Page - SIXNET Technology Park EL228 Datasheet HTML 4Page - SIXNET Technology Park  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sixnet, LLC Corporate Headquarters
331 Ushers Road, Ballston Lake, NY 12019
T +1 518 877 5173
F +1 518 877 8346
FLEXIBLE. RELIABLE. POWERFUL.
ABOUT SIXNET
For more than three decades, Sixnet
has been providing leading industrial
and commercial machine-to-machine
(M2M) connectivity to customers and
markets worldwide. Sixnet’s flexible
solutions enable organizations to
cost-effectively increase business
productivity. By integrating powerful
enterprise-class networking with
rugged reliability, Sixnet meets the
standards of the most demanding
industrial and commercial applications
in industries such as power & energy,
banking & retail, transportation, video &
security, utilities, military, mobile data,
maritime and more. Based in Ballston
Lake, NY, the company has offices
across North America, Asia and Europe.
For more information,
visit www.sixnet.com,
email sales@sixnet.com or
call +1 518 877 5173
EL228 Rack-Mount
Heavy Industrial Ethernet Managed Switch
© 2010 Sixnet. All Rights Reserved. July2010
FIBER TRANSCEIVERS
SPEED
MODE
NOM. MAXIMUM
DISTANCE
PORT
COMPATIBILITY
FCOPPER-SFP-100
10 / 100 Mbps
Cooper RJ45
100 meters
Ports 1 thru 24
FMFIBER-SFP-4K
100 Mbps
Multimode
4 kilometers
Ports 1 thru 26
FSFIBER-SFP-30K
100 Mbps
Singlemode
30 kilometers
Ports 1 thru 26
FSFIBER-SFP-60K
100 Mbps
Singlemode
60 kilometers
Ports 1 thru 26
FSFIBER-SFP-100
100 Mbps
Singlemode
100 kilometers
Ports 1 thru 26
GMFIBER-SFP-500
Gigabit
Multimode
550 meters
Ports 25 and 26
GMFIBER-SFP-2K
Gigabit
Multimode
2 kilometers
Ports 25 and 26
GMFIBER-SFP-10K
Gigabit
Singlemode
10 kilometers
Ports 25 and 26
GMFIBER-SFP-30K
Gigabit
Singlemode
30 kilometers
Ports 25 and 26
GMFIBER-SFP-50K
Gigabit
Singlemode
50 kilometers
Ports 25 and 26
GMFIBER-SFP-80K
Gigabit
Singlemode
80 kilometers
Ports 25 and 26
SELECTION GUIDES
MODEL
DESCRIPTION
EL228-AO-1
with single universal VAC/VDC power input
EL228-AA-1
with dual universal VAC/VDC power supplies built in (with load share operation **)
EL228-DO-1
with single 24/48/60 VDC power input
EL228-DD-1
with dual 24/48/60 VDC power supplies built in (with primary/backup operation **)
Note: Special applications (such as BiDi) or extra long haul (up to 120 km) transceivers are available specal order.
**See user manual for more details
ACCESSORIES MODEL
DESCRIPTION
EK1-BRCKT-19
Set (2) of 1U 19” brackets (one set included with each switch)
EK1-BRCKT-23
Set (2) of 1U 23” EIA/WECO
EK1-BRCKT-2324
Set (2) of 1U 23/24” EIA/WECO
EK1-BRCKT-ETSI
Set (2) of 1U 536 mm ETSI brackets
EK1-BRCKT-WALL
Set (2) of wall brackets



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com