Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSW Datasheet(PDF) 3 Page - Schurter Inc.

Part # FSW
Description  AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSW Datasheet(HTML) 3 Page - Schurter Inc.

  FSW Datasheet HTML 1Page - Schurter Inc. FSW Datasheet HTML 2Page - Schurter Inc. FSW Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

-Phase Line Filters
FSW
www.schurter.com/pg06_
EMC Products
Attenuation Loss
----differentialmode_____commonmode
Standardversion
3 A
6 A
10 A
16 A
20 A
24 A
25 A
36 A
IndustrialVersion
3 A
6 A
10 A
Variants
Rated Current
[A]
Filter-Type
Leakage Cur-
rent [mA]
Terminal
L [mH]
Cx [µF]
Cy
[nF]
Cy
[nF]
R [M
Ω] Weight
[g]
Housing
Order Number
3
Standard Version
0.25
Quick connect terminals
2 x 2
0.1
1.5
1
1
157
49
5500.2058
6
Standard Version
0.25
Quick connect terminals
2 x 0.8
0.1
1.5
1
1
159
49
5500.2060
10
Standard Version
0.25
Quick connect terminals
2 x 0.4
0.1
1.5
1
1
159
49
5500.2062
3
Industrial Version
2.5
Quick connect terminals
2 x 2
0.1
22
1
1
157
49
5500.2059
6
Industrial Version
2.5
Quick connect terminals
2 x 0.8
0.1
22
1
1
159
49
5500.2061
10
Industrial Version
2.5
Quick connect terminals
2 x 0.4
0.1
22
1
1
159
49
5500.2063
Packaging unit
10Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com