Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSW Datasheet(PDF) 1 Page - Schurter Inc.

Part # FSW
Description  AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSW Datasheet(HTML) 1 Page - Schurter Inc.

  FSW Datasheet HTML 1Page - Schurter Inc. FSW Datasheet HTML 2Page - Schurter Inc. FSW Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

-Phase Line Filters
FSW
www.schurter.com/pg06_
EMC Products
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
Description
-Chassis:
Screw-onmounting,fromtop
-Line-filterinstandardversion,2positions,highattenuation
-Quickconnectterminals6.3x0.8mmorscrewterminals
-Especiallyeffectiveagainstasymmetricalinterferencesinthefrequency
rangefrom10kHzupto30MHz
Approvals
-VDELicenseNumber:40004673
-ULLicenseNumber:E72928
Characteristics
-Designedforincreasedrequirements
-2-stagelinefilterwithincreasedattenuation
Protectionagainstinterferencevoltagefromthemains
-Especiallydesignedforindustrialapplicationssuchas:FrequencyCon-
verters,StepperMotorDrives,UPS-Systems,Inverters
Especiallysuitableforuseinswitchingpowersupplies
-QualifiedforuseinequipmentaccordingIEC/EN60950
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
3-36A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
3-36A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
orscrewterminals
Current>24Arequiresscrewterminals
Material:Housing
Alu.anodised/StainlessSteel
LineFilter
StandardandIndustrialVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>200'000hacc.toMIL-HB-217F


Similar Part No. - FSW

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSW SCHURTER-FSW Datasheet
396Kb / 4P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW Datasheet
495Kb / 5P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
logo
Level One
FSW-0503 LVL1-FSW-0503 Datasheet
707Kb / 5P
Provides flexibility of 4 x 10/100BASE-TX PoE ports IEEE 802.3af PoE compliant to simplify deployment and installation
FSW-0503-Z LVL1-FSW-0503-Z Datasheet
657Kb / 3P
Simple Plug and Play installation
FSW-0508TX LVL1-FSW-0508TX Datasheet
794Kb / 4P
Provides flexibility of 5x 10/100BASE-TX ports 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
More results

Similar Description - FSW

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMW-150 SCHURTER-FMW-150 Datasheet
413Kb / 2P
AC Filter 3-Stage, Very High Broad Band Attenuation
FSS SCHURTER-FSS Datasheet
532Kb / 3P
AC Filter 2-Stage, Very High Symmetrical Attenuation
FMABNEO SCHURTER-FMABNEO Datasheet
693Kb / 6P
AC Filter, High Symmetrical Attenuation
FSW SCHURTER-FSW_17 Datasheet
396Kb / 4P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMABHV SCHURTER-FMABHV Datasheet
668Kb / 6P
AC / DC Filter, High Symmetrical Attenuation
FMABNEO SCHURTER-FMABNEO_V01 Datasheet
1Mb / 13P
AC Filter, High Symmetrical Attenuation
FMW-150 SCHURTER-FMW-150_V01 Datasheet
285Kb / 3P
AC Filter 3-Stage, Very High Broad Band Attenuation
FSS SCHURTER-FSS_V01 Datasheet
444Kb / 4P
AC Filter 2-Stage, Very High Symmetrical Attenuationl
FSW SCHURTER-FSW_V01 Datasheet
495Kb / 5P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
AC Filter, High Symmetrical Attenuation
23.11.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com