Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSF2.2011.01 Datasheet(PDF) 3 Page - Schurter Inc.

Part # GSF2.2011.01
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSF2.2011.01 Datasheet(HTML) 3 Page - Schurter Inc.

  GSF2.2011.01 Datasheet HTML 1Page - Schurter Inc. GSF2.2011.01 Datasheet HTML 2Page - Schurter Inc. GSF2.2011.01 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Power entry modules without line filter
GSF2
www.schurter.com/pg05
Connectors
Variants
Protection Class
Fuseholder
Ground terminal
Order Number
1
1-pole
Quick connect terminals 4.8 x 0.8 mm
GSF2.1011.01
1
1-pole
Quick connect terminals 6.3 x 0.8 mm
GSF2.1013.01
1
2-pole
Quick connect terminals 4.8 x 0.8 mm
GSF2.2011.01
1
2-pole
Quick connect terminals 6.3 x 0.8 mm
GSF2.2013.01
2
1-pole
-
GSF2.1010.01
2
2-pole
-
GSF2.2010.01
Packaging unit
50Pcs
Mating Outlets/Connectors
Category / Description
Connector Overview complete
IEC Connector C15, Rewireable, Straight
0101
IEC Connector C15A, Rewireable, Straight
0102
IEC Connector C15A, Rewireable, Straight
0102-G
IEC Connector C15A, Rewireable, Angled
0112
IEC Connector C13, Rewireable, Angled
4012
Connector further types to GSF2
...
Power Cord Overview complete
Power Cord with IEC Connector C13, Angled
0311
Power Cord with IEC Connector C13, Angled
3011
Power Cord with IEC Connector C13, Angled
3012
Power Cord with IEC Connector C13, Angled
3013
Power Cord with IEC Connector C13
3020
Power Cord further types to GSF2
...
Power Supply or Interconnection Cord Overview complete
Divers Power Supply and Interconnection Cords 10 A
6000.0214
Divers Power Supply and Interconnection Cords 10 A
6000.0224
Divers Power Supply and Interconnection Cords 10 A
6003.0204
Divers Power Supply and Interconnection Cords 10 A
6003.0205
Divers Power Supply and Interconnection Cords 10 A
6003.0215
Power Supply or Interconnection Cord further types to GSF2
...
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com