Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSF2.2011.01 Datasheet(PDF) 2 Page - Schurter Inc.

Part # GSF2.2011.01
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSF2.2011.01 Datasheet(HTML) 2 Page - Schurter Inc.

  GSF2.2011.01 Datasheet HTML 1Page - Schurter Inc. GSF2.2011.01 Datasheet HTML 2Page - Schurter Inc. GSF2.2011.01 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power entry modules without line filter
GSF2
www.schurter.com/pg05
Connectors
Dimensions
37mm
33
19.3
37
32.8
punched / drilled
33±0.1
33±0.1
1.2
A
A
Line and neutral: Quick-connect
terminal 4.8x0.8mm
Ground terminal: Quick connect
terminal 4.8x0.8mm
Ground terminal: Quick-connect
terminal 6.3x0.8mm
Dimensions
1) Main snappers for snap-in mounting
2) Additional safety snappers not in use
3) Additional safety snappers in use
against excessive pull out force
Derating Curves
1-pole
0
20
40
60
80
100
1.5
1.0
0.5
0.0
2.5
3.15
2.0
I = << In
I = 0.7 In
I = 1.0 In
Ambient Air Temperature Ta °C
2-pole
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient Air Temperature Ta °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com