Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSMH50830GP-R5M3Z2C1P-A Datasheet(PDF) 2 Page - OptoSupply International

Part # OSMH50830GP-R5M3Z2C1P-A
Description  LED Light Strip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMH50830GP-R5M3Z2C1P-A Datasheet(HTML) 2 Page - OptoSupply International

  OSMH50830GP-R5M3Z2C1P-A Datasheet HTML 1Page - OptoSupply International OSMH50830GP-R5M3Z2C1P-A Datasheet HTML 2Page - OptoSupply International OSMH50830GP-R5M3Z2C1P-A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model No.
OSMW02C04GX-
XXX3ZXXXP-A
REV.
C2
Device Selection Guide
1
Module No.
Color
Dom. Wavelength
(Typ.)
Luminous Flux
(Typ.)
R5M3Z2C1P-X
Red
625±5nm
13.6lm
Y5M3Z2C1P-X
Yellow
590±5nm
11.6lm
G5D3Z2C1P-X
Green
527±5nm
18.4lm
B5S3Z2C1P-X
Blue
472±5nm
8.8lm
O5M3Z2C1P-X
Orange
605±5nm
12.5lm
M5S3Z2C1P-X
Warm White
X=0.45 ; Y=0.41
21.6lm
W5S3Z2C1P-X
White
X=0.27 ; Y=0.28
32.5lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating supply range(DC/AC)
Vidc
14
V
Input Current (DC/AC)
Ii
120
MA
Power Dissipation
Pa
1.68
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tsto
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
---
0.96
1.68
w
Input Voltage(DC/AC)
Vi
12
14
V
Product input Current
If
80
120
mA
Beam Pattern
BP
---
120
---
Deg
Total diameter of PCB
DPCB.
---
22
---
mm
Net Weight
Wei.
---
3.5
---
g
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com