Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSMH50830GP-R5M3Z2C1P-A Datasheet(PDF) 3 Page - OptoSupply International

Part # OSMH50830GP-R5M3Z2C1P-A
Description  LED Light Strip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMH50830GP-R5M3Z2C1P-A Datasheet(HTML) 3 Page - OptoSupply International

  OSMH50830GP-R5M3Z2C1P-A Datasheet HTML 1Page - OptoSupply International OSMH50830GP-R5M3Z2C1P-A Datasheet HTML 2Page - OptoSupply International OSMH50830GP-R5M3Z2C1P-A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Dimensions:
1
Model No.
OSMW02C04GX-
XXX3ZXXXP-A
REV.
C2
22mm
AC/DC 12V
22mm
OSMW02C04GS
OSMW02C04GC
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com