Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FSCBAU Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # E3FSCBAU
Description  In two simple steps, inserts can be released while housing stays fastened to the panel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

E3FSCBAU Datasheet(HTML) 1 Page - Switchcraft, Inc.

  E3FSCBAU Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SWITCHCRAFT, INC.
5555 North Elston Avenue
Chicago, IL 60630
773-792-2700
Fax 773-792-2129
www.switchcraft.com
We reserve the right to change the prices, specifications and/or part numbers contained herein when circumstances make it necessary.
Form No. GL-2201 3/98
© Switchcraft, Inc. 1998
Printed in U.S.A.
Switchcraft,Inc. isamajormanufacturerofabroadlineofelectronic/
electromechanicalcomponentsfortheaudio/video,telecommunica-
tion,datacommunication,computer,medical,military,appliance,
transportationandinstrumentationmarkets.
QG® PART NUMBERING SYSTEM
Each character (or absence thereof) in the part numbers
Q
U
I
C
K
RELEASE INSERT
In two simple steps, inserts can be released while housing
stays fastened to the panel.
1. With a small screwdriver, twist insert locking screw from
front of insert.
2.
Remove insert from the rear of the housing.
TERMINALS
Four terminations are available on E Series receptacles:
1. Conical Spring Solder terminals – conical spring on each pin
holds wire in place providing constant pressure during soldering
process. This effectively acts as a third hand, assuring a high
quality solder termination. Housing mounts to panel.
2. Straight PC terminals – direct termination to PC board. Hous-
ing mounts to panel.
3. Right-angle PC terminals – direct termination to PC board at
a right-angle. Housing mounts to panel.
FASDISCONNECT VERSIONS – DETENT (solder cup version
Part
Locking or
Number
Terminals Non-LockingContacts Housing
Insert
Housing Type
E3FDSC
Solder
Satin-nickel
EFDH
F
E3FDSCB
Cup
Non-Locking Silver
Black
E3FDSCQG
EFDHB
F
?E3FDSCAU Solder
Satin-nickel
EFDH
F
COMPLETE-CONNECTOR-ASSEMBLIES
BLACK HOUSING (solder cup version only)
Part
Locking or
Number
Terminals Non-LockingContacts Housing
Insert
Housing Type
E3FSCB
Solder
E3FSCQG
EFHB
F
E3MSCB
Cup
Locking
Silver
Black
E3MSCQG
EMHB
M
E3FSCBAU
Solder
E3FSCAUQG EFHB
F
COMPLETE-CONNECTOR-ASSEMBLIES
SATIN NICKEL HOUSING (solder cup version only)
Part
Locking or
Number
Terminals Non-LockingContacts Housing
Insert
Housing Type
E3FSC
Solder
Satin
E3FSCQG
EFHB
F
INSERTS (solder cup version only)
Locking or
Part Number
Contacts
Terminals
Non-Locking
Type
E3FSCQG
Silver
Solder Cup
Locking
F
E3MSCQG
Silver
Solder Cup
—
M
?E3FSCAUQG
Gold
Solder Cup
Locking
F
Character
Description
E
Series designator
3
3 pins or contacts
*
M – male connector; F – female connector
QG
Denotes insert only
H
Denotes housing only
B
Black housing (absence of ‘B’ denotes satin-nickel
housing)
RA
Right-angle PC terminals (absence of ‘RA’ or ‘ST’ de-
note
conical spring solder terminals)
ST
Straight PC terminals (absence of ‘ST’ or ‘RA’ denote
conical spring solder terminals)
NEW!


Similar Part No. - E3FSCBAU

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
E3FSC SWITCH-E3FSC Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
More results

Similar Description - E3FSCBAU

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MF MERCURY-MF_15 Datasheet
106Kb / 1P
The entire package can be grounded via the top metal lid and the two bottom pads.
MJ MERCURY-MJ_15 Datasheet
106Kb / 1P
The entire package can be grounded via the top metal lid and the two bottom pads .
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
The output voltage can be adjusted to 36V
logo
PHOENIX CONTACT
2202312 PHOENIX-2202312 Datasheet
59Kb / 2P
Light guides, can be used for the BC housing range (housing must be processed), color: transparent
2701027 PHOENIX-2701027 Datasheet
86Kb / 5P
An operator panel can be integrated in the basic unit or installed remotely on a panel as an option
2701056 PHOENIX-2701056 Datasheet
85Kb / 4P
An operator panel can be integrated in the basic unit or installed remotely on a panel as an option
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
logo
Shanghai Leiditech Elec...
LCE431 LEIDITECH-LCE431 Datasheet
1Mb / 5P
The output voltage can be adjusted to 36V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com