Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9101 Datasheet(PDF) 11 Page - EPCOS

Part # B9101
Description  SAW CELL/GPS/PCS Triplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9101 Datasheet(HTML) 11 Page - EPCOS

Back Button B9101 Datasheet HTML 4Page - EPCOS B9101 Datasheet HTML 5Page - EPCOS B9101 Datasheet HTML 6Page - EPCOS B9101 Datasheet HTML 7Page - EPCOS B9101 Datasheet HTML 8Page - EPCOS B9101 Datasheet HTML 9Page - EPCOS B9101 Datasheet HTML 10Page - EPCOS B9101 Datasheet HTML 11Page - EPCOS B9101 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
April 09, 2008
B9101
859.0 / 1575.42 / 1920.0 MHz
SAW Components
SAW CELL / GPS / PCS Triplexer
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
References
Type
B9101
Ordering code
B39162B9101L310
Marking and package
C61157-A3-A35
Packaging
F61074-V8225-Z000
Date codes
L_1126
S-parameters (6.8 nH || ANT)
B9101_NB.s4p
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIA-
MENT AND OF THE COUNCIL of 27 January 2003 on the re-
striction of the use of certain hazardous substances in electri-
cal and electronic equipment. 2005/618/EC from April 18th,
2005, amending Directive 2002/95/EC of the European Par-
liament and of the Council for the purposes of establishing the
maximum concentration values for certain hazardous sub-
stances in electrical and electronic equipment."
Moldability
Before using in overmolding environment, please contact your
EPCOS sales office.
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2008. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com