Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9101 Datasheet(PDF) 3 Page - EPCOS

Part # B9101
Description  SAW CELL/GPS/PCS Triplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9101 Datasheet(HTML) 3 Page - EPCOS

  B9101 Datasheet HTML 1Page - EPCOS B9101 Datasheet HTML 2Page - EPCOS B9101 Datasheet HTML 3Page - EPCOS B9101 Datasheet HTML 4Page - EPCOS B9101 Datasheet HTML 5Page - EPCOS B9101 Datasheet HTML 6Page - EPCOS B9101 Datasheet HTML 7Page - EPCOS B9101 Datasheet HTML 8Page - EPCOS B9101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
April 09, 2008
B9101
859.0 / 1575.42 / 1920.0 MHz
SAW Components
SAW CELL / GPS / PCS Triplexer
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω || 6.8 nH (ANT)
Terminating load impedance:
ZL =50 Ω (CELL, GPS + 1.0 nH or || 20nH, PCS)
B9101
min.
typ.
@ 25 ˚C
max.
ANT - CELL
Center frequency
fC
––
859.0
––
MHz
Maximum insertion attenuation
α
max
824.0
...
894.0
MHz
––
0.65
0.9
dB
VSWR
824.0
...
894.0
MHz
––
1.3
1.6
ANT - PCS
Center frequency
fC
––
1920.0
––
MHz
Maximum insertion attenuation
α
max
1850.0
... 1990.0
MHz
––
0.65
0.9
dB
VSWR
1850.0
... 1990.0
MHz
––
1.25
1.6
ANT - GPS
Center frequency
fC
––
1575.42
––
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
––
1.35
1.8
dB
VSWR
1574.42 ... 1576.42 MHz
––
1.4
1.8
Attenuation
α
0.0
... 1000.0
MHz
36
44
––
dB
1000.0
... 1495.0
MHz
32
38
––
dB
1495.0
... 1515.0
MHz
25
37
––
dB
1610.0
... 1625.0
MHz
10
25
––
dB
1635.0
... 1655.0
MHz
25
39
––
dB
1710.0
... 1980.0
MHz
32
41
––
dB
1980.0
... 2170.0
MHz
30
35
––
dB
2170.0
... 2500.0
MHz
23
28
––
dB
2500.0
... 4000.0
MHz
14
18
––
dB
4000.0
... 6000.0
MHz
11
15
––
dB
CELL - GPS
Attenuation
α
1574.42 ... 1576.42 MHz
12
35
––
dB
824.0
...
849.0
MHz
42
47
––
dB
PCS - GPS
Attenuation
α
1574.42 ... 1576.42 MHz
12
22
––
dB
1850.0
... 1910.0
MHz
40
47
––
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com