Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9102 Datasheet(PDF) 3 Page - EPCOS

Part # B9102
Description  CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9102 Datasheet(HTML) 3 Page - EPCOS

  B9102_2 Datasheet HTML 1Page - EPCOS B9102_2 Datasheet HTML 2Page - EPCOS B9102_2 Datasheet HTML 3Page - EPCOS B9102_2 Datasheet HTML 4Page - EPCOS B9102_2 Datasheet HTML 5Page - EPCOS B9102_2 Datasheet HTML 6Page - EPCOS B9102_2 Datasheet HTML 7Page - EPCOS B9102_2 Datasheet HTML 8Page - EPCOS B9102_2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
November 27, 2009
B9102
859 / 1575.42 / 1810 / 1920 / 2140 MHz
SAW Components
CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω || 6.8 nH (ANT)
Terminating load impedance:
ZL =50 Ω (CELL, GPS, PCS/K-PCS/WCDMA)
B9102
min.
typ.
@ 25 ˚C
max.
ANT - CELL
Center frequency
fC
––
859.0
––
MHz
Maximum insertion attenuation
α
max
824.0
...
894.0
MHz
––
0.65
0.9
dB
VSWR
(ANT port) 824.0
...
894.0
MHz
––
1.35
1.7
(CELL port) 824.0
...
894.0
MHz
––
1.25
1.7
ANT - K-PCS
Center frequency
fC
––
1810.0
––
MHz
Maximum insertion attenuation
α
max
1750.0
... 1870.0
MHz
––
0.75
1.0
dB
VSWR
(ANT port) 1750.0
... 1870.0
MHz
––
1.25
1.6
(K-PCS port)1750.0 ... 1870.0
MHz
––
1.25
1.6
ANT - PCS
Center frequency
fC
––
1920.0
––
MHz
Maximum insertion attenuation
α
max
1850.0
... 1990.0
MHz
––
0.65
0.9
dB
VSWR
(ANT port) 1850.0
... 1990.0
MHz
––
1.25
1.6
(PCS port) 1850.0
... 1990.0
MHz
––
1.2
1.6
ANT - WCDMA (Band 1 Rx)
Center frequency
fC
––
2140.0
––
MHz
Maximum insertion attenuation
α
max
2110.0
... 2170.0
MHz
––
1.3
1.6
dB
VSWR
(ANT port) 2110.0
... 2170.0
MHz
––
2.0
2.3
(WCDMA port)2110.0... 2170.0
MHz
––
1.7
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com