Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9102 Datasheet(PDF) 4 Page - EPCOS

Part # B9102
Description  CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9102 Datasheet(HTML) 4 Page - EPCOS

  B9102_2 Datasheet HTML 1Page - EPCOS B9102_2 Datasheet HTML 2Page - EPCOS B9102_2 Datasheet HTML 3Page - EPCOS B9102_2 Datasheet HTML 4Page - EPCOS B9102_2 Datasheet HTML 5Page - EPCOS B9102_2 Datasheet HTML 6Page - EPCOS B9102_2 Datasheet HTML 7Page - EPCOS B9102_2 Datasheet HTML 8Page - EPCOS B9102_2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
November 27, 2009
B9102
859 / 1575.42 / 1810 / 1920 / 2140 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
Data Sheet
ANT - GPS
Center frequency
fC
––
1575.42
––
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
––
1.1
1.8
dB
VSWR
(ANT port) 1574.42 ... 1576.42 MHz
––
1.2
1.8
(GPS port) 1574.42 ... 1576.42 MHz
––
1.25
1.8
Attenuation
α
10.0
...
824.0
MHz
32
45
––
dB
824.0
...
849.0
MHz
32
44
––
dB
849.0
... 1495.0
MHz
30
36
––
dB
1495.0
... 1515.0
MHz
25
37
––
dB
1515.0
... 1535.0
MHz
10
25
––
dB
1610.0
... 1635.0
MHz
10
25
––
dB
1635.0
... 1710.0
MHz
25
35
––
dB
1710.0
... 1750.0
MHz
25
37
––
dB
1750.0
... 1850.0
MHz
32
39
––
dB
1850.0
... 1910.0
MHz
32
42
––
dB
1910.0
... 1980.0
MHz
32
42
––
dB
1980.0
... 2170.0
MHz
25
34
––
dB
2170.0
... 2700.0
MHz
15
22
––
dB
2700.0
... 3500.0
MHz
8
15
––
dB
3500.0
... 6000.0
MHz
4
7
––
dB
CELL - GPS
Attenuation
α
1574.42 ... 1576.42 MHz
20
34
––
dB
824.0
...
849.0
MHz
42
46
––
dB
K-PCS - GPS
Attenuation
α
1574.42 ... 1576.42 MHz
12
22
––
dB
1750.0
... 1870.0
MHz
35
38
––
dB
PCS - GPS
Attenuation
α
1574.42 ... 1576.42 MHz
12
22
––
dB
1850.0
... 1910.0
MHz
38
44
––
dB
B9102
min.
typ.
@ 25 ˚C
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com