Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFSM Datasheet(PDF) 1 Page - Schurter Inc.

Part # PFSM
Description  Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFSM Datasheet(HTML) 1 Page - Schurter Inc.

  PFSM Datasheet HTML 1Page - Schurter Inc. PFSM Datasheet HTML 2Page - Schurter Inc. PFSM Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Resettable Fuses
PFSM
www.schurter.com/pg0_
Fuses
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
6.0 - 60.0VDC · 0.3 - 2.6A
Description
-Directlysolderableonprintedcircuitboards
Standards
-UL1434
-CSAC22.2no.0,TILno.CA-3A
Approvals
-ULFileNumber:E172175
Applications
-Computer&Peripherals
-Generalelectronics
-Automotiveapplications
References
GeneralProductInformation
PackagingDetails
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
Vmax
6.0-60.0VDC
Imax
40-100A
Ihold
0.3-2.6A
Mounting
PCB,SMT
AllowableOperationTemp.
-40°Cto85°C
Material:Terminals
Tin-PlatedBrass
Weight
0.4g
StorageConditions
0°Cto40°C,max.70%r.h.
ProductMarking
,Ihold,DataCode
SolderingMethods
Reflow
Solderability
245°C/3sec
ResistancetoSolderingHeat
260°C/10sec
PassingAging
+85°C,1000Hours->+/-5%Typical
ResistanceChange
HumidityAging
+85°C,85%r.h.,7Days->+/-5%Ty-
picalResistanceChange
ThermalShock
MIL-STD-202,Method107(+125°Cto
-55°C,10Cycles)->+/-15%Typical
ResistanceChange
Vibration
MIL-STD-883C,Method2007.1,Test
ConditionA
Dimensions
 
A
C
E
F
D
H
B
G
9.7
2.3
2.3
Solder pads PFSM.030.2 - PFSM.125.2 and PFSM.260.2


Similar Part No. - PFSM

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFSM SCHURTER-PFSM Datasheet
342Kb / 4P
Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
04.01.2022
PFSM.030.2 SCHURTER-PFSM.030.2 Datasheet
342Kb / 4P
Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
04.01.2022
PFSM.050.2 SCHURTER-PFSM.050.2 Datasheet
342Kb / 4P
Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
04.01.2022
PFSM.075.2 SCHURTER-PFSM.075.2 Datasheet
342Kb / 4P
Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
04.01.2022
PFSM.100.2 SCHURTER-PFSM.100.2 Datasheet
342Kb / 4P
Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
04.01.2022
More results

Similar Description - PFSM

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFDF SCHURTER-PFDF Datasheet
420Kb / 2P
Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PFHT SCHURTER-PFHT Datasheet
429Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 16 VDC, up to 125 째C
PFMF SCHURTER-PFMF Datasheet
462Kb / 3P
Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
PFUF SCHURTER-PFUF Datasheet
459Kb / 3P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
PFDF SCHURTER-PFDF_17 Datasheet
243Kb / 3P
Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PFSM SCHURTER-PFSM_V02 Datasheet
342Kb / 4P
Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
04.01.2022
PFDF SCHURTER-PFDF_V02 Datasheet
254Kb / 3P
Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
04.01.2022
PFNF SCHURTER-PFNF_V02 Datasheet
328Kb / 4P
Surface Mount Fuse, PTC, 1206 footprint, 3.2 x 1.6 mm, 30 VDC
04.01.2022
PFMF SCHURTER-PFMF_V01 Datasheet
363Kb / 4P
Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
04.01.2022
PFUF SCHURTER-PFUF_V01 Datasheet
357Kb / 4P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com