Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFSM Datasheet (PDF) - Schurter Inc.

PFSM Datasheet PDF - Schurter Inc.
Part # PFSM
Download  PFSM Download
File Size   342.18 Kbytes
Page   4 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC

PFSM Datasheet (PDF)

Go To PDF Page Download Datasheet
PFSM Datasheet PDF - Schurter Inc.

Part # PFSM
Download  PFSM Click to download

File Size   342.18 Kbytes
Page   4 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC

PFSM Datasheet (HTML) - Schurter Inc.




Similar Part No. - PFSM

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFSM SCHURTER-PFSM Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PFSM.030.2 SCHURTER-PFSM.030.2 Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PFSM.050.2 SCHURTER-PFSM.050.2 Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PFSM.075.2 SCHURTER-PFSM.075.2 Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PFSM.100.2 SCHURTER-PFSM.100.2 Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
More results


Similar Description - PFSM

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFDF SCHURTER-PFDF Datasheet
420Kb / 2P
Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PFHT SCHURTER-PFHT Datasheet
429Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 16 VDC, up to 125 째C
PFMF SCHURTER-PFMF Datasheet
462Kb / 3P
Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
PFSM SCHURTER-PFSM Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PFUF SCHURTER-PFUF Datasheet
459Kb / 3P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
PFDF SCHURTER-PFDF_17 Datasheet
243Kb / 3P
Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PFDF SCHURTER-PFDF_V02 Datasheet
254Kb / 3P
Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
04.01.2022
PFNF SCHURTER-PFNF_V02 Datasheet
328Kb / 4P
Surface Mount Fuse, PTC, 1206 footprint, 3.2 x 1.6 mm, 30 VDC
04.01.2022
PFMF SCHURTER-PFMF_V01 Datasheet
363Kb / 4P
Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
04.01.2022
PFUF SCHURTER-PFUF_V01 Datasheet
357Kb / 4P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com