Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFSM Datasheet(PDF) 3 Page - Schurter Inc.

Part # PFSM
Description  Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFSM Datasheet(HTML) 3 Page - Schurter Inc.

  PFSM Datasheet HTML 1Page - Schurter Inc. PFSM Datasheet HTML 2Page - Schurter Inc. PFSM Datasheet HTML 3Page - Schurter Inc. PFSM Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Resettable Fuses
PFSM
https://www.schurter.com /PG01_1
Circuit Protection
Time-Current-Curves
1
0.001
0.01
0.1
10
100
1000
0.1
10
1
100
PFSM.075.2
PFSM.100.2
PFSM.100.33.2
PFSM.125.2
PFSM.050.2
PFSM.030.2
PFSM.250.2
PFSM.200.2
PFSM.150.2
PFSM.150.33.2
PFSM.260.2
Fault Current in Amperes
Dimensions
A min
[mm]
A max
[mm]
B max
[mm]
C max
[mm]
D min
[mm]
D max
[mm]
E min
[mm]
E max
[mm]
F min
[mm]
F max
[mm]
G min
[mm]
G max
[mm]
H min
[mm]
Order Number
6.73
7.98
3.18
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.030.2
█
6.73
7.98
3.18
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.050.2
█
6.73
7.98
3.18
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.075.2
█
6.73
7.98
3
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.100.2
█
6.73
7.98
3
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.100.33.2
6.73
7.98
3
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.125.2
8
9.5
3
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
PFSM.150.2
8
9.5
3
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
PFSM.150.33.2
8
9.5
3
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
PFSM.200.2
8
9.5
3
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
PFSM.250.2
█
6.73
7.98
3
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.260.2
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Thermal Derating Chart Ihold [A]
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
Order Number
0.45
0.4
0.35
0.3
0.25
0.23
0.2
0.17
0.14
PFSM.030.2
█
0.76
0.67
0.59
0.5
0.42
0.38
0.33
0.29
0.23
PFSM.050.2
█
1.13
1.01
0.88
0.75
0.62
0.56
0.5
0.44
0.34
PFSM.075.2
█
1.66
1.47
1.29
1.1
0.91
0.83
0.73
0.64
0.5
PFSM.100.2
█
1.66
1.47
1.29
1.1
0.91
0.83
0.73
0.64
0.5
PFSM.100.33.2
1.89
1.68
1.46
1.25
1.04
0.94
0.83
0.73
0.56
PFSM.125.2
2.27
2.01
1.76
1.5
1.25
1.13
0.99
0.87
0.68
PFSM.150.2
2.27
2.01
1.76
1.5
1.25
1.13
0.99
0.87
0.68
PFSM.150.33.2
3.02
2.68
2.34
2
1.66
1.5
1.32
1.16
0.9
PFSM.200.2
3.78
3.35
2.93
2.5
2.08
1.88
1.65
1.45
1.13
PFSM.250.2
█
3.64
3.25
2.91
2.6
2.26
2.08
1.95
1.74
1.48
PFSM.260.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com