Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFSM Datasheet(PDF) 4 Page - Schurter Inc.

Part # PFSM
Description  Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFSM Datasheet(HTML) 4 Page - Schurter Inc.

  PFSM Datasheet HTML 1Page - Schurter Inc. PFSM Datasheet HTML 2Page - Schurter Inc. PFSM Datasheet HTML 3Page - Schurter Inc. PFSM Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Resettable Fuses
PFSM
https://www.schurter.com /PG01_1
Circuit Protection
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
Order Number
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Electrical Characteristics at 23 °C
V max [VDC]
I max [A]
I hold [A]
I trip [A]
R initial min
[
Ω]
R 1hour max
[
Ω]
Max Time to
trip [A]
Max Time to
Trip [s]
Tripped Power
Dissipation [W]
Order Number
60.0
40
0.3
0.6
0.9
4.8
1.5
3
1.70
PFSM.030.2
█
60.0
40
0.5
1
0.35
1.4
2.5
4
1.70
PFSM.050.2
█
30.0
80
0.75
1.5
0.23
1
8
0.3
1.70
PFSM.075.2
█
30.0
80
1.1
2.2
0.12
0.48
8
0.5
1.70
PFSM.100.2
█
33.0
40
1.1
2.2
0.12
0.41
8
0.5
1.70
PFSM.100.33.2
15.0
100
1.25
2.5
0.07
0.25
8
2
1.70
PFSM.125.2
15.0
100
1.5
3
0.06
0.25
8
5
1.90
PFSM.150.2
33.0
40
1.5
3
0.06
0.23
8
5
1.90
PFSM.150.33.2
15.0
100
2
4
0.045
0.125
8
12
1.90
PFSM.200.2
15.0
100
2.5
5
0.024
0.085
8
25
1.90
PFSM.250.2
█
6.0
100
2.6
5.2
0.025
0.075
8
20
1.70
PFSM.260.2
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
acc. IEC 60286-3 Type 2a
PFSM.030.2 -
PFSM.125.2
2000 pcs. in tape [W: 16mm and P1: 8/12mm] on reel [A: 36cm]
PFSM.150.2 -
PFSM.250.2
1500 pcs. in tape [W: 16mm and P1: 8/12mm] on reel [A: 36cm]
PFSM.260.2
2000 pcs. in tape [W: 16mm and P1: 8/12mm] on reel [A: 36cm]
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com