Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2115 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2115
Description  HIGH POWER UHF AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2115 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2115 Datasheet HTML 1Page - RF Micro Devices RF2115 Datasheet HTML 2Page - RF Micro Devices RF2115 Datasheet HTML 3Page - RF Micro Devices RF2115 Datasheet HTML 4Page - RF Micro Devices RF2115 Datasheet HTML 5Page - RF Micro Devices RF2115 Datasheet HTML 6Page - RF Micro Devices RF2115 Datasheet HTML 7Page - RF Micro Devices RF2115 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2-42
RF2115L
Rev B1 010329
2
Pin
Function
Description
Interface Schematic
10
RF OUT
Amplifier RF output. This is an unmatched collector output of the final
amplifier transistor. It is internally connected to pins 10, 11, 13, and 14
to provide low series inductance and flexibility in output matching. Bias
for the final power amplifier output transistor must also be provided
through two of these four pins. Typically, pins 10 and 11 are connected
to a network that creates a second harmonic trap. For 830MHz opera-
tion, this network is simply a single 2.4pF capacitor from both pins to
ground. This capacitor series resonates with internal bond wires at two
times the operating frequency, effectively shorting out the second har-
monic. Shorting out this harmonic serves to increase the amplifier’s
maximum output power and efficiency, as well as to lower the level of
the second harmonic output. Typically, pins 13 and 14 are externally
connected very close to the package and used as the RF output with a
matching network that presents the optimum load impedance to the PA
for maximum power and efficiency, as well as providing DC blocking at
the output. An additional network of a bias inductor and parallel resistor
provides DC bias and helps to protect the output from high voltage
swings due to severe load mismatches. Shunt protection diodes are
included to clip peak voltage excursions above approximately 15V to
prevent voltage breakdown in worst case conditions.
11
RF OUT
Same as pin 10.
12
GND
Same as pin 4.
13
RF OUT
Same as pin 10.
14
RF OUT
Same as pin 10.
15
NC
Not internally connected.
16
NC
Not internally connected.
Pkg
Base
GND
This contact is the main ground contact for the entire device. Care
should be taken to ensure that this contact is well soldered in order to
prevent performance from being degraded from that indicated in the
specifications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com