Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2115 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2115
Description  HIGH POWER UHF AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2115 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2115 Datasheet HTML 1Page - RF Micro Devices RF2115 Datasheet HTML 2Page - RF Micro Devices RF2115 Datasheet HTML 3Page - RF Micro Devices RF2115 Datasheet HTML 4Page - RF Micro Devices RF2115 Datasheet HTML 5Page - RF Micro Devices RF2115 Datasheet HTML 6Page - RF Micro Devices RF2115 Datasheet HTML 7Page - RF Micro Devices RF2115 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
2-39
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
2
3
4
5
13
12
11
10
VCC3
VCC1
GND
PD
RF OUT
GND
RF OUT
RF OUT
6789
114
15
16
BIAS
CIRCUIT
GAIN CONTROL
RF2115L
HIGH POWER UHF AMPLIFIER
• Analog Communication Systems
• Analog Cellular Systems (AMPS & TACS)
• 900MHz Spread-Spectrum Systems
• 400MHz Industrial Radios
• Driver Stage for Higher Power Applications
• Portable Battery-Powered Equipment
The RF2115L is a high power amplifier IC. The device is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in analog cellu-
lar phone transmitters or ISM applications operating at
915MHz. The device is packaged in a 16-lead ceramic
quad leadless chip carrier with a backside ground. The
device is self-contained with the exception of the output
matching network and power supply feed line. A two-bit
digital control provides 4 levels of power control, in 10 dB
steps.
• Single 5V to 6.5V Supply
• Upto1.0WCWOutputPower
• 33dB Small Signal Gain
• 48% Efficiency
• Digitally Controlled Output Power
• Small Package Outline (0.25" x 0.25")
RF2115L
High Power UHF Amplifier
RF2115L PCBA
Fully Assembled Evaluation Board
2
Rev B1 010329
1
.258
.242
.258
.242
R.008
.022
.018
.025
.033
.017
.098
.098
.150
.050
.075
.065
.050
Package Style: QLCC-16


Similar Part No. - RF2115

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2114 RFMD-RF2114 Datasheet
73Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2114PCBA RFMD-RF2114PCBA Datasheet
73Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
HIGH EFFICIENCY 400MHZ AMPLIFIER
RF2117PCBA RFMD-RF2117PCBA Datasheet
173Kb / 8P
HIGH EFFICIENCY 400MHZ AMPLIFIER
RF2119 RFMD-RF2119 Datasheet
82Kb / 8P
HIGH EFFICIENCY 2V POWER AMPLIFIER
More results

Similar Description - RF2115

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF7170AC MITSUBISHI-MGF7170AC Datasheet
316Kb / 16P
UHF BAND GaAs POWER AMPLIFIER
logo
RF Micro Devices
RF2105L RFMD-RF2105L Datasheet
70Kb / 8P
HIGH POWER LINEAR UHF AMPLIFIER
logo
DAICO Industries, Inc.
CAM09121 DAICO-CAM09121 Datasheet
165Kb / 1P
UHF High Power Amplifier (Driver)
CAMH9120 DAICO-CAMH9120 Datasheet
155Kb / 1P
UHF High Power Amplifier
logo
List of Unclassifed Man...
BGY91A ETC-BGY91A Datasheet
126Kb / 3P
UHF Power Amplifier module
logo
American Microsemicondu...
2N5481 AMMSEMI-2N5481 Datasheet
1Mb / 1P
NPN UHF POWER Amplifier Transistor
logo
Toshiba Semiconductor
2SC1001 TOSHIBA-2SC1001 Datasheet
58Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC1165 TOSHIBA-2SC1165 Datasheet
56Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2106 TOSHIBA-2SC2106 Datasheet
60Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2379 TOSHIBA-2SC2379 Datasheet
59Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com