Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2EUSB30 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2EUSB30
Description  2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2EUSB30 Datasheet(HTML) 3 Page - Texas Instruments

  TPD2EUSB30 Datasheet HTML 1Page - Texas Instruments TPD2EUSB30 Datasheet HTML 2Page - Texas Instruments TPD2EUSB30 Datasheet HTML 3Page - Texas Instruments TPD2EUSB30 Datasheet HTML 4Page - Texas Instruments TPD2EUSB30 Datasheet HTML 5Page - Texas Instruments TPD2EUSB30 Datasheet HTML 6Page - Texas Instruments TPD2EUSB30 Datasheet HTML 7Page - Texas Instruments TPD2EUSB30 Datasheet HTML 8Page - Texas Instruments TPD2EUSB30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPD2EUSB30, TPD4EUSB30
www.ti.com
SLVSAC2 – AUGUST 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IO voltage tolerance
D+, D– pins
0
6
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
125
°C
IEC 61000-4-2 Contact Discharge
D+, D– pins
±8
kV
IEC 61000-4-2 Air-Gap Discharge
D+, D– pins
±8
kV
ESD protection
(TPD2EUSB30)
IEC 61000-4-2 Air-Gap Discharge
D+, D– pins
±9
kV
(TPD4EUSB30)
Peak pulse current (tp = 8/20 ms)
D+, D– pins
5
A
Peak pulse power (tp = 8/20 ms)
D+, D– pins
45
W
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
D+,D– pins to ground
5.5
V
Vclamp
Clamp voltage
D+,D– pins to ground,
IIO = 1 A
8
V
IIO
Current from IO port to supply pins
VIO = 2.5 V,
ID = 8 mA
0.01
0.1
mA
D+,D– pins,
VIO = 2.5 V,
VD
Diode forward voltage
0.6
0.8
0.95
V
lower clamp diode,
ID = 8 mA
Rdyn
Dynamic resistance
D+,D– pins
I = 1 A
1
CIO-IO
Capacitance IO to IO
D+,D– pins
VIO = 2.5 V
0.05
pF
D+,D– pins (DRT)
0.7
CIO-GND Capacitance IO to GND
VIO = 2.5 V
pF
D1+, D1-,
0.8
D2+, D2- (DQA )
VBR
Break-down voltage
IIO = 1 mA
7
V
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD2EUSB30, TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com