Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2EUSB30 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2EUSB30
Description  2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2EUSB30 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2EUSB30 Datasheet HTML 1Page - Texas Instruments TPD2EUSB30 Datasheet HTML 2Page - Texas Instruments TPD2EUSB30 Datasheet HTML 3Page - Texas Instruments TPD2EUSB30 Datasheet HTML 4Page - Texas Instruments TPD2EUSB30 Datasheet HTML 5Page - Texas Instruments TPD2EUSB30 Datasheet HTML 6Page - Texas Instruments TPD2EUSB30 Datasheet HTML 7Page - Texas Instruments TPD2EUSB30 Datasheet HTML 8Page - Texas Instruments TPD2EUSB30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
D+
3
1
2
D–
GND
10
N.C.
D1+
1
9
N.C.
D1
–
2
8
GND
GND
3
7
N.C.
D2+
4
6
N.C.
D2
–
5
TPD2EUSB30, TPD4EUSB30
www.ti.com
SLVSAC2 – AUGUST 2010
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
Check for Samples: TPD2EUSB30, TPD4EUSB30
1
FEATURES
TPD2EUSB30DRTR PACKAGE
•
Single and Dual-Pair Differential Lines to
(TOP VIEW)
Protect the Differential Data and Clock Lines of
the USB3.0, eSATA, or LVD Interface
•
Flow-Through Pin Mapping for the High-Speed
Lines Ensures Zero Additional Skew Due to
Board Layout While Placing ESD-Protection
Chip Near the Connector
TPD4EUSB30DQAR PACKAGE
•
Supports Data Rates in Excess of 6 Gbps
(TOP VIEW)
•
ESD Protection Meets or Exceeds
IEC61000-4-2 (Level 4)
•
Low Capacitance 0.05pF (IO to IO)
•
5-A Peak Pulse Current (per 8/20 ms Pulse)
•
Industrial Temperature Range: –40°C to 85°C
•
Space-Saving DRT, DQA Packages
APPLICATIONS
•
Notebooks
•
Set-Top Boxes
•
DVD Players
•
Media Players
•
Portable Computers
DESCRIPTION/ORDERING INFORMATION
The TPD2EUSB30 and TPD4EUSB30 provide 2 and 4 channel ESD clamp circuits with flow-through pin
mapping for ease of board layout. These devices have been designed to protect sensitive components which are
connected to ultra high-speed data and transmission lines. The TPDxEUSB30 offer protection from stress
caused by ESD (electrostatic discharge). These devices also offer 5 A (8/20 ms) peak pulse current ratings per
IEC 61000-4-5 (lightning) specification.
The monolithic silicon technology allows matching between the differential signal pairs. The differential 0.05-pF
capacitance ensures that the signal distortion due to added ESD clamp remains minimal at high-speed
differential data transmission.
The TPD2EUSB30 and TPD4EUSB30 conform to IEC61000-4-2 (Level 4) ESD protection. The TPD2EUSB30 is
offered in space saving DRT (1 mm × 1 mm) package. The TPD4EUSB30 is offered in space saving DQA (1 mm
× 2.5 mm) package.
The TPD2EUSB30 and TPD4EUSB30 are characterized for operation over ambient air temperature range of
–40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD2EUSB30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
1Mb / 13P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI1-TPD2EUSB30 Datasheet
1Mb / 16P
2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI2-TPD2EUSB30 Datasheet
2Mb / 28P
TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
REVISED JUNE 2021
TPD2EUSB30A TI1-TPD2EUSB30A Datasheet
1Mb / 16P
2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
More results

Similar Description - TPD2EUSB30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
logo
First Silicon Co., Ltd
FPD1E10B09DPYR FS-FPD1E10B09DPYR Datasheet
680Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30ADRTR FS-FPD2EUSB30ADRTR Datasheet
333Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
logo
TECH PUBLIC Electronics...
TPD2EUSB30DRTR-TP TECHPUBLIC-TPD2EUSB30DRTR-TP Datasheet
2Mb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com