Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2140PCBA Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2140PCBA
Description  3V DCS POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2140PCBA Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2140PCBA Datasheet HTML 4Page - RF Micro Devices RF2140PCBA Datasheet HTML 5Page - RF Micro Devices RF2140PCBA Datasheet HTML 6Page - RF Micro Devices RF2140PCBA Datasheet HTML 7Page - RF Micro Devices RF2140PCBA Datasheet HTML 8Page - RF Micro Devices RF2140PCBA Datasheet HTML 9Page - RF Micro Devices RF2140PCBA Datasheet HTML 10Page - RF Micro Devices RF2140PCBA Datasheet HTML 11Page - RF Micro Devices RF2140PCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2-137
RF2140
Rev A12 011031
2
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
13
12
11
10
9
AT_EN
RF IN
GND1
RF OUT
678
16
14
15
C1
33 pF
C11
33 pF
C13
33 pF
C14
33 pF
C15
33 pF
C3**
50
Ωµstrip
.150"
C4**
C2
33 pF
Quarter wave
length
C9
33 pF
C8
1nF
C10 *
0.9 pF
C6
1nF
C5 *
12pF
C16
1nF
C17
1nF
C7
3.3
µF
C12
1nF
C18
3.3
µF
J1
RF IN
J2
RF OUT
P1-1
P1-3
P1-1
P1
ENABL
VCC
1
2
3
GND
P1-3
P1-3
P1-3
Schematic 2140400 Rev A
Board 2140410 Rev A
Capacitors are 0402.
*Murata GRM36COG series
** Johanson 500R07F series
All others are Panasonic ECU series
C20
3.3
µF
package
edge to
inside C3
.050"
C19
3.3
µF
C21
1nF
C22
1nF
R1
3.9
Ω
R3
0
Ω
J3
V
APC
C3 (pF)
C4 (pF)
C23 (pF)
5.1
N/I
1.8
N/I
N/I
3.9
0.5
1.2
0.5
0.6
C24 (pF)
C25 (pF)
DCS
Band
PCS
C23**
C24**
C25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com