Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2140PCBA Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2140PCBA
Description  3V DCS POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2140PCBA Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2140PCBA Datasheet HTML 4Page - RF Micro Devices RF2140PCBA Datasheet HTML 5Page - RF Micro Devices RF2140PCBA Datasheet HTML 6Page - RF Micro Devices RF2140PCBA Datasheet HTML 7Page - RF Micro Devices RF2140PCBA Datasheet HTML 8Page - RF Micro Devices RF2140PCBA Datasheet HTML 9Page - RF Micro Devices RF2140PCBA Datasheet HTML 10Page - RF Micro Devices RF2140PCBA Datasheet HTML 11Page - RF Micro Devices RF2140PCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2-138
RF2140
Rev A12 011031
2
Evaluation Board Layout
Board size 2.0” x 2.0”
Board Thickness 0.014”; Board Material FR-4; Multi-Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com